Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBA5425 Datasheet (PDF) - VBsemi Electronics Co.,Ltd

VBA5425 Datasheet PDF - VBsemi Electronics Co.,Ltd
Part # VBA5425
Download  VBA5425 Download
File Size   975.35 Kbytes
Page   14 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N- and P-Channel 40 V (D-S) MOSFET

VBA5425 Datasheet (PDF)

Go To PDF Page Download Datasheet
VBA5425 Datasheet PDF - VBsemi Electronics Co.,Ltd

Part # VBA5425
Download  VBA5425 Click to download

File Size   975.35 Kbytes
Page   14 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N- and P-Channel 40 V (D-S) MOSFET

VBA5425 Datasheet (HTML) - VBsemi Electronics Co.,Ltd


VBA5425 Product details

FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
• TrenchFET® Power MOSFET
• 100 % Rg and UIS Tested
• Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
• Motor Drive
• Mobile Power Bank




Similar Part No. - VBA5425

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VBA5410 VBSEMI-VBA5410 Datasheet
1Mb / 14P
N- and P-Channel 40 V (D-S) MOSFET
VBA5415 VBSEMI-VBA5415 Datasheet
1Mb / 14P
N- and P-Channel 40V (D-S) MOSFET
VBA5415 VBSEMI-VBA5415 Datasheet
1Mb / 14P
N- and P-Channel 40V (D-S) MOSFET
VBA5415 VBSEMI-VBA5415_V01 Datasheet
1Mb / 14P
N- and P-Channel 40V (D-S) MOSFET
More results


Similar Description - VBA5425

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
73224 VISHAY-73224 Datasheet
87Kb / 8P
N- and P-Channel 40-V (D-S) MOSFET
17-Jan-05
SI4564DY VISHAY-SI4564DY Datasheet
154Kb / 12P
N- and P-Channel 40 V (D-S) MOSFET
22-Feb-10
logo
Vishay Telefunken
SI4564DY TFUNK-SI4564DY Datasheet
303Kb / 15P
N- and P-Channel 40 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBE5415 VBSEMI-VBE5415 Datasheet
1Mb / 13P
N- and P-Channel 40 V (D-S) MOSFET
P2003ND5G VBSEMI-P2003ND5G Datasheet
2Mb / 13P
N- and P-Channel 40 V (D-S) MOSFET
4533GEH-HF VBSEMI-4533GEH-HF Datasheet
1Mb / 13P
N- and P-Channel 40 V (D-S) MOSFET
AOD609 VBSEMI-AOD609 Datasheet
1Mb / 13P
N- and P-Channel 40 V (D-S) MOSFET
STU309D VBSEMI-STU309D Datasheet
1Mb / 13P
N- and P-Channel 40 V (D-S) MOSFET
STU310DH VBSEMI-STU310DH Datasheet
1Mb / 13P
N- and P-Channel 40 V (D-S) MOSFET
logo
Vishay Siliconix
SI4561DY VISHAY-SI4561DY_V01 Datasheet
141Kb / 12P
N- and P-Channel 40-V (D-S) MOSFET
09-Feb-09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com