Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S852TF Datasheet (PDF) - Vishay Siliconix

S852TF Datasheet PDF - Vishay Siliconix
Part # S852TF
Download  S852TF Download
File Size   147.05 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon NPN Planar RF Transistor

S852TF Datasheet (PDF)

Go To PDF Page Download Datasheet
S852TF Datasheet PDF - Vishay Siliconix

Part # S852TF
Download  S852TF Click to download

File Size   147.05 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon NPN Planar RF Transistor

S852TF Datasheet (HTML) - Vishay Siliconix


S852TF Product details

Description
The main purpose of this bipolar transistor is broad band amplification up to 2 GHz. In the space-saving 3-pin surface-mount SOT-490 package electrical performance and reliability are taken to a new level covering a smaller footprint on PC boards than previous packages.
In addition to space savings, the SOT-490 provides a higher level of reliability than other 3-pin packages, such as more resistance to moisture.
Due to the short length of its leads the SOT-490 is also reducing package inductances resulting in some better electrical performance. All of these aspects make this device an ideal choice for demanding RF applications.

Features
• Low supply voltage
• Low current consumption
• Low noise figure
• 50 Ω input impedance at 945 MHz
• High power gain
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
   and WEEE 2002/96/EC

Applications
   For low noise and high gain broadband amplifiers at
   collector currents from 0.2 mA to 5 mA.




Similar Part No. - S852TF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S852TF VISHAY-S852TF Datasheet
86Kb / 5P
Silicon NPN Planar RF Transistor
05-Sep-08
S852TF VISHAY-S852TF_08 Datasheet
86Kb / 5P
Silicon NPN Planar RF Transistor
05-Sep-08
More results


Similar Description - S852TF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
Silicon NPN Planar RF Transistor
11-Nov-99
BFP92A VISHAY-BFP92A Datasheet
173Kb / 10P
Silicon NPN Planar RF Transistor
20-Jan-99
BFR96TS VISHAY-BFR96TS Datasheet
129Kb / 9P
Silicon NPN Planar RF Transistor
20-Jan-99
TSDF1220 VISHAY-TSDF1220 Datasheet
81Kb / 6P
Silicon NPN Planar RF Transistor
30-Jun-00
logo
Zetex Semiconductors
MPSH10P ZETEX-MPSH10P Datasheet
47Kb / 2P
NPN SILICON PLANAR RF TRANSISTOR
logo
Vishay Siliconix
BFP93A VISHAY-BFP93A Datasheet
212Kb / 9P
Silicon NPN Planar RF Transistor
03-Sep-04
BFP81 VISHAY-BFP81_08 Datasheet
167Kb / 11P
Silicon NPN Planar RF Transistor
05-Sep-08
BFR91A VISHAY-BFR91A_08 Datasheet
168Kb / 8P
Silicon NPN Planar RF Transistor
08-Sep-08
BFW92A VISHAY-BFW92A_08 Datasheet
153Kb / 7P
Silicon NPN Planar RF Transistor
08-Sep-08
BFQ67F VISHAY-BFQ67F Datasheet
87Kb / 5P
Silicon NPN Planar RF Transistor
05-Sep-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com