Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72V51436 Datasheet (PDF) - Renesas Technology Corp

IDT72V51436 Datasheet PDF - Renesas Technology Corp
Part # IDT72V51436
Download  IDT72V51436 Download
File Size   673.0 Kbytes
Page   58 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 36 BIT WIDE CONFIGURATION

IDT72V51436 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72V51436 Datasheet PDF - Renesas Technology Corp

Part # IDT72V51436
Download  IDT72V51436 Click to download

File Size   673.0 Kbytes
Page   58 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 36 BIT WIDE CONFIGURATION

IDT72V51436 Datasheet (HTML) - Renesas Technology Corp


IDT72V51436 Product details

FEATURES:
• Choose from among the following memory density options:
IDT72V51436  Total Available Memory = 589,824 bits
IDT72V51446  Total Available Memory = 1,179,648 bits
IDT72V51456  Total Available Memory = 2,359,296 bits
• Configurable from 1 to 16 Queues
• Queues may be configured at master reset from the pool of
Total Available Memory in blocks of 256 x 36
• Independent Read and Write access per queue
• User programmable via serial port
• Default multi-queue device configurations
– IDT72V51436 : 1,024 x 36 x 16Q
– IDT72V51446 : 2,048 x 36 x 16Q
– IDT72V51456 : 4,096 x 36 x 16Q
• 100% Bus Utilization, Read and Write on every clock cycle
• 166 MHz High speed operation (6ns cycle time)
• 3.7ns access time
• Individual, Active queue flags (OV, FF, PAE, PAF, PR)
• 8 bit parallel flag status on both read and write ports




Similar Part No. - IDT72V51436

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V51433 RENESAS-IDT72V51433 Datasheet
594Kb / 51P
3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 18 BIT WIDE CONFIGURATION
JUNE 2003
More results


Similar Description - IDT72V51436

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T51236 IDT-IDT72T51236 Datasheet
606Kb / 62P
2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T51333 IDT-IDT72T51333 Datasheet
524Kb / 55P
2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T51543 IDT-IDT72T51543 Datasheet
539Kb / 57P
2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 18 BIT WIDE CONFIGURATION
IDT72T51546 IDT-IDT72T51546 Datasheet
610Kb / 64P
2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233 IDT-IDT72T51233 Datasheet
532Kb / 55P
2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72V51233 IDT-IDT72V51233 Datasheet
464Kb / 50P
3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
IDT72T6360 IDT-IDT72T6360 Datasheet
483Kb / 51P
2.5V SEQUENTIAL FLOW-CONTROL DEVICE 36 BIT WIDE CONFIGURATION
logo
Renesas Technology Corp
IDT72V51233 RENESAS-IDT72V51233 Datasheet
662Kb / 51P
3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
FEBRUARY 2009
IDT72V51236 RENESAS-IDT72V51236 Datasheet
650Kb / 57P
3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION
JUNE 2003
IDT72V51433 RENESAS-IDT72V51433 Datasheet
594Kb / 51P
3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 18 BIT WIDE CONFIGURATION
JUNE 2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com