Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT162373AT Datasheet (PDF) - Renesas Technology Corp

IDT74FCT162373AT Datasheet PDF - Renesas Technology Corp
Part # IDT74FCT162373AT
Download  IDT74FCT162373AT Download
File Size   286.16 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS 16-BIT TRANSPARENT LATCH

IDT74FCT162373AT Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT162373AT Datasheet PDF - Renesas Technology Corp

Part # IDT74FCT162373AT
Download  IDT74FCT162373AT Click to download

File Size   286.16 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS 16-BIT TRANSPARENT LATCH

IDT74FCT162373AT Datasheet (HTML) - Renesas Technology Corp


IDT74FCT162373AT Product details

FEATURES:
• 0.5 MICRON CMOS Technology
• High-speed, low-power CMOS replacement for ABT functions
• Typical tSK(o) (Output Skew) < 250ps
• Low input and output leakage ≤1μA (max.)
• VCC = 5V ±10%
• Balanced Output Drivers: ±24mA
• Reduced system switching noise
• Typical VOLP (Output Ground Bounce) < 0.6V at VCC = 5V,
TA = 25°C
• Available in SSOP and TSSOP packages




Similar Part No. - IDT74FCT162373AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT162373AT IDT-IDT74FCT162373AT Datasheet
121Kb / 8P
FAST CMOS 16-BIT TRANSPARENT LATCHES
IDT74FCT162373AT IDT-IDT74FCT162373AT Datasheet
74Kb / 7P
FAST CMOS 16-BIT TRANSPARENT LATCH
IDT74FCT162373AT IDT-IDT74FCT162373AT Datasheet
107Kb / 7P
FAST CMOS 16-BIT TRANSPARENT LATCH
IDT74FCT162373ATE IDT-IDT74FCT162373ATE Datasheet
121Kb / 8P
FAST CMOS 16-BIT TRANSPARENT LATCHES
IDT74FCT162373ATEB IDT-IDT74FCT162373ATEB Datasheet
121Kb / 8P
FAST CMOS 16-BIT TRANSPARENT LATCHES
More results


Similar Description - IDT74FCT162373AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163373 IDT-IDT74FCT163373 Datasheet
100Kb / 7P
3.3V CMOS 16-BIT TRANSPARENT LATCH
logo
Pericom Semiconductor C...
PI74LCX16373 PERICOM-PI74LCX16373 Datasheet
159Kb / 6P
Fast CMOS 3.3V 16-Bit Transparent Latch
PI74FCT163373 PERICOM-PI74FCT163373 Datasheet
73Kb / 5P
Fast CMOS 3.3V 16-Bit Transparent Latch
PI74FCT16841T PERICOM-PI74FCT16841T Datasheet
63Kb / 6P
Fast CMOS 20-Bit Transparent Latch
logo
Integrated Device Techn...
IDT74FCT162373AT IDT-IDT74FCT162373AT_06 Datasheet
74Kb / 7P
FAST CMOS 16-BIT TRANSPARENT LATCH
74FCT163373PV IDT-74FCT163373PV Datasheet
353Kb / 7P
3.3V CMOS 16-BIT TRANSPARENT LATCH
IDT74FCT16373AT IDT-IDT74FCT16373AT_17 Datasheet
92Kb / 7P
FAST CMOS 16-BIT TRANSPARENT LATCH
IDT74FCT162373AT IDT-IDT74FCT162373AT_15 Datasheet
107Kb / 7P
FAST CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT163373A RENESAS-IDT74FCT163373A Datasheet
239Kb / 8P
3.3V CMOS 16-BIT TRANSPARENT LATCH
SEPTEMBER 2009
IDT74FCT16373AT RENESAS-IDT74FCT16373AT Datasheet
250Kb / 8P
FAST CMOS 16-BIT TRANSPARENT LATCH
JULY 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com