Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT163344C Datasheet (PDF) - Renesas Technology Corp

IDT74FCT163344C Datasheet PDF - Renesas Technology Corp
Part # IDT74FCT163344C
Download  IDT74FCT163344C Download
File Size   252.06 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V CMOS ONE-TO-FOUR ADDRESS/CLOCK DRIVER

IDT74FCT163344C Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT163344C Datasheet PDF - Renesas Technology Corp

Part # IDT74FCT163344C
Download  IDT74FCT163344C Click to download

File Size   252.06 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V CMOS ONE-TO-FOUR ADDRESS/CLOCK DRIVER

IDT74FCT163344C Datasheet (HTML) - Renesas Technology Corp


IDT74FCT163344C Product details

FEATURES:
• 0.5 MICRON CMOS Technology
• Typical tSK(o) (Output Skew) < 250ps
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
• VCC = 3.3V ± 0.3V, Normal Range, or VCC = 2.7V to 3.6V, Extended Range
• CMOS power levels (0.4μ W typ. static)
• Rail-to-rail output swing for increased noise margin
• Low Ground Bounce (0.3V typ.)
• Inputs (except I/O) can be driven by 3.3V or 5V components
• Available in TSSOP package




Similar Part No. - IDT74FCT163344C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163344CPA IDT-IDT74FCT163344CPA Datasheet
118Kb / 7P
3.3V CMOS ONE-TO-FOUR ADDRESS/CLOCK DRIVER
IDT74FCT163344CPC IDT-IDT74FCT163344CPC Datasheet
118Kb / 7P
3.3V CMOS ONE-TO-FOUR ADDRESS/CLOCK DRIVER
IDT74FCT163344CPF IDT-IDT74FCT163344CPF Datasheet
118Kb / 7P
3.3V CMOS ONE-TO-FOUR ADDRESS/CLOCK DRIVER
More results


Similar Description - IDT74FCT163344C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT162344AT IDT-IDT74FCT162344AT Datasheet
124Kb / 8P
FAST CMOS ADDRESS/ CLOCK DRIVER
IDT74FCT3807 IDT-IDT74FCT3807 Datasheet
67Kb / 8P
3.3V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT163344 IDT-IDT74FCT163344 Datasheet
118Kb / 7P
3.3V CMOS ONE-TO-FOUR ADDRESS/CLOCK DRIVER
IDT74FCT3807D IDT-IDT74FCT3807D Datasheet
58Kb / 6P
3.3V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT38074 IDT-IDT74FCT38074 Datasheet
54Kb / 5P
3.3V CMOS 1-TO-4 CLOCK DRIVER
logo
PulseCore Semiconductor
ASM2P3807A PULSECORE-ASM2P3807A Datasheet
662Kb / 18P
3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT38072 IDT-IDT74FCT38072 Datasheet
58Kb / 5P
3.3V CMOS 1-TO-2 CLOCK DRIVER
IDT74FCT38074 IDT-IDT74FCT38074_09 Datasheet
58Kb / 5P
3.3V CMOS 1-TO-4 CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT38075 RENESAS-IDT74FCT38075 Datasheet
373Kb / 7P
3.3V CMOS 1-TO-5 CLOCK DRIVER
JAN. 2012
IDT74LVC16344A RENESAS-IDT74LVC16344A Datasheet
312Kb / 7P
3.3V CMOS ONE-TO-FOUR ADDRESS/CLOCK DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
JANUARY 2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com