Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT38072 Datasheet (PDF) - Renesas Technology Corp

IDT74FCT38072 Datasheet PDF - Renesas Technology Corp
Part # IDT74FCT38072
Download  IDT74FCT38072 Download
File Size   218.77 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V CMOS 1-TO-2 CLOCK DRIVER

IDT74FCT38072 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT38072 Datasheet PDF - Renesas Technology Corp

Part # IDT74FCT38072
Download  IDT74FCT38072 Click to download

File Size   218.77 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V CMOS 1-TO-2 CLOCK DRIVER

IDT74FCT38072 Datasheet (HTML) - Renesas Technology Corp


IDT74FCT38072 Product details

FEATURES:
• Advanced CMOS Technology
• Guaranteed low skew < 100ps (max.)
• Very low duty cycle distortion< 350ps (max.)
• High speed propagation delay< 3ns (max.)
• Very low CMOS power levels
• TTL compatible inputs and outputs
• 1:2 fanout
• Maximum output rise and fall time < 1ns (max.)
• Low input capacitance: 3pF typical
• VCC = 3.3V ± 0.3V
• Inputs can be driven from 3.3V or 5V components
• Operating frequency up to 166MHz
• Available in SOIC package




Similar Part No. - IDT74FCT38072

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT38072 IDT-IDT74FCT38072 Datasheet
58Kb / 5P
3.3V CMOS 1-TO-2 CLOCK DRIVER
IDT74FCT38072DCGI IDT-IDT74FCT38072DCGI Datasheet
357Kb / 39P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Similar Description - IDT74FCT38072

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT3807 IDT-IDT74FCT3807 Datasheet
67Kb / 8P
3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P3807AH ALSC-ASM2P3807AH Datasheet
692Kb / 19P
3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT3807D IDT-IDT74FCT3807D Datasheet
58Kb / 6P
3.3V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT38074 IDT-IDT74FCT38074 Datasheet
54Kb / 5P
3.3V CMOS 1-TO-4 CLOCK DRIVER
logo
List of Unclassifed Man...
PO74G38072A ETC2-PO74G38072A Datasheet
469Kb / 5P
3.3V 1:2 CMOS Clock Driver
logo
PulseCore Semiconductor
ASM2P3807A PULSECORE-ASM2P3807A Datasheet
662Kb / 18P
3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Potato Semiconductor Co...
PO74G38072A POTATO-PO74G38072A Datasheet
481Kb / 5P
3.3V 1:2 CMOS Clock Driver
logo
Integrated Device Techn...
IDT74FCT38072 IDT-IDT74FCT38072 Datasheet
58Kb / 5P
3.3V CMOS 1-TO-2 CLOCK DRIVER
IDT74FCT38074 IDT-IDT74FCT38074_09 Datasheet
58Kb / 5P
3.3V CMOS 1-TO-4 CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT38075 RENESAS-IDT74FCT38075 Datasheet
373Kb / 7P
3.3V CMOS 1-TO-5 CLOCK DRIVER
JAN. 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com