Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT807BTPYGI Datasheet (PDF) - Renesas Technology Corp

74FCT807BTPYGI Datasheet PDF - Renesas Technology Corp
Part # 74FCT807BTPYGI
Download  74FCT807BTPYGI Download
File Size   244.82 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS 1-TO-10 CLOCK DRIVER

74FCT807BTPYGI Datasheet (PDF)

Go To PDF Page Download Datasheet
74FCT807BTPYGI Datasheet PDF - Renesas Technology Corp

Part # 74FCT807BTPYGI
Download  74FCT807BTPYGI Click to download

File Size   244.82 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS 1-TO-10 CLOCK DRIVER

74FCT807BTPYGI Datasheet (HTML) - Renesas Technology Corp


74FCT807BTPYGI Product details

FEATURES:
• 0.5 MICRON CMOS Technology
• Guaranteed low skew < 250ps (max.)
• Very low duty cycle distortion < 350ps (max.)
• High speed: propagation delay < 2.5ns (max.)
• 100MHz operation
• TTL compatible inputs and outputs
• TTL level output voltage swings
• 1:10 fanout
• Output rise and fall time < 1.5ns (max)
• Low input capacitance: 4.5pF typical
• High drive: -32mA IOH, +48mA IOL
• Available in QSOP, SSOP, and SOIC packages




Similar Part No. - 74FCT807BTPYGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74FCT807BTPYPBLANK IDT-74FCT807BTPYPBLANK Datasheet
87Kb / 8P
FAST CMOS 1-TO-10 CLOCK DRIVER
74FCT807BTPYPI IDT-74FCT807BTPYPI Datasheet
87Kb / 8P
FAST CMOS 1-TO-10 CLOCK DRIVER
More results


Similar Description - 74FCT807BTPYGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT807BT IDT-IDT74FCT807BT Datasheet
130Kb / 7P
FAST CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT3807 IDT-IDT74FCT3807 Datasheet
67Kb / 8P
3.3V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT20807 IDT-IDT74FCT20807 Datasheet
47Kb / 6P
2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P20807A ALSC-ASM2P20807A Datasheet
467Kb / 11P
2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT3807D IDT-IDT74FCT3807D Datasheet
58Kb / 6P
3.3V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT807BT IDT-IDT74FCT807BT_05 Datasheet
85Kb / 8P
FAST CMOS 1-TO-10 CLOCK DRIVER
logo
PulseCore Semiconductor
ASM2P3807A PULSECORE-ASM2P3807A Datasheet
662Kb / 18P
3.3V CMOS 1-TO-10 CLOCK DRIVER
PCS2P20807A PULSECORE-PCS2P20807A Datasheet
464Kb / 11P
2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT807BT IDT-IDT74FCT807BT_09 Datasheet
87Kb / 8P
FAST CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT20807 IDT-IDT74FCT20807_09 Datasheet
61Kb / 6P
2.5V CMOS 1-TO-10 CLOCK DRIVER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com