Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMEG4030ETR Datasheet (PDF) - Nexperia B.V. All rights reserved

PMEG4030ETR Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMEG4030ETR
Download  PMEG4030ETR Download
File Size   281.03 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description High temperature 40 V, 3 A low VF Schottky barrier rectifier

PMEG4030ETR Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG4030ETR Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMEG4030ETR
Download  PMEG4030ETR Click to download

File Size   281.03 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description High temperature 40 V, 3 A low VF Schottky barrier rectifier

PMEG4030ETR Datasheet (HTML) - Nexperia B.V. All rights reserved


PMEG4030ETR Product details

1. General description
Planar Schottky barrier rectifier with an integrated guard ring for stress protection, encapsulated in
a SOD123W small and flat lead Surface-Mounted Device (SMD) plastic package.

2. Features and benefits
• Average forward current: IF(AV) ≤ 3 A
• Reverse voltage: VR ≤ 40 V
• Low forward voltage
• High power capability due to clip-bond technology
• Small and flat lead SMD plastic package

3. Applications
• Low voltage rectification
• High efficiency DC-to-DC conversion
• Switch Mode Power Supply (SMPS)
• Reverse polarity protection
• Low power consumption applications




Similar Part No. - PMEG4030ETR

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG4030ETR-Q NEXPERIA-PMEG4030ETR-Q Datasheet
256Kb / 13P
High temperature 40 V, 3 A low VF Schottky barrier rectifier
22 December 2022
More results


Similar Description - PMEG4030ETR

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG040V030EPE-Q NEXPERIA-PMEG040V030EPE-Q Datasheet
263Kb / 11P
40 V, 3 A low VF Schottky barrier rectifier
24 October 2022
PMEG4010ETP-Q NEXPERIA-PMEG4010ETP-Q Datasheet
253Kb / 12P
High temperature 40 V, 1 A low VF Schottky barrier rectifier
20 February 2023
PMEG4030EP-Q NEXPERIA-PMEG4030EP-Q Datasheet
255Kb / 12P
40 V, 3 A low VF Schottky barrier rectifier
20 February 2023
PMEG4030ER-Q NEXPERIA-PMEG4030ER-Q Datasheet
261Kb / 13P
40 V, 3 A low VF Schottky barrier rectifier
16 November 2022
PMEG4030ETP-Q NEXPERIA-PMEG4030ETP-Q Datasheet
250Kb / 12P
High temperature 40 V, 3 A low VF Schottky barrier rectifier
20 February 2023
PMEG4030ETR-Q NEXPERIA-PMEG4030ETR-Q Datasheet
256Kb / 13P
High temperature 40 V, 3 A low VF Schottky barrier rectifier
22 December 2022
PMEG040V030EPE NEXPERIA-PMEG040V030EPE Datasheet
264Kb / 11P
40 V, 3 A low VF Schottky barrier rectifier
24 October 2022
PMEG4030EP NEXPERIA-PMEG4030EP Datasheet
252Kb / 12P
40 V, 3 A low VF Schottky barrier rectifier
20 February 2023
PMEG4030ER NEXPERIA-PMEG4030ER Datasheet
262Kb / 13P
40 V, 3 A low VF Schottky barrier rectifier
23 January 2023
PMEG4050ETP NEXPERIA-PMEG4050ETP Datasheet
277Kb / 12P
High temperature 40 V, 5 A low VF Schottky barrier rectifier
1 January 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com