Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PNE20010EXDX Datasheet (PDF) - Nexperia B.V. All rights reserved

PNE20010EXDX Datasheet PDF - Nexperia B.V. All rights reserved
Part # PNE20010EXDX
Download  PNE20010EXDX Download
File Size   253.27 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 200 V, 1 A hyperfast recovery rectifier

PNE20010EXDX Datasheet (PDF)

Go To PDF Page Download Datasheet
PNE20010EXDX Datasheet PDF - Nexperia B.V. All rights reserved

Part # PNE20010EXDX
Download  PNE20010EXDX Click to download

File Size   253.27 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 200 V, 1 A hyperfast recovery rectifier

PNE20010EXDX Datasheet (HTML) - Nexperia B.V. All rights reserved


PNE20010EXDX Product details

1. General description
High power density, hyperfast recovery rectifier with high-efficiency planar technology,
encapsulated in a CFP2-HP (SOD323HP) power and flat lead Surface-Mounted Device (SMD)
plastic package.

2. Features and benefits
• Reverse voltage: VR ≤ 200 V
• Forward current: IF ≤ 1 A
• Hyperfast recovery time: trr ≤ 25 ns
• Planar die design with Pt doped life time control
• Low inductance
• Small and flat lead SMD plastic package, typical height 0.68 mm
• High power capability due to clip-bond technology

3. Applications
• General-purpose rectification
• Reverse polarity protection
• Hyperfast switching
• Freewheeling applications




Similar Part No. - PNE20010EXDX

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PNE20010EXD-Q NEXPERIA-PNE20010EXD-Q Datasheet
252Kb / 13P
200 V, 1 A hyperfast recovery rectifier
1 April 2022
PNE20010EXD-QX NEXPERIA-PNE20010EXD-QX Datasheet
252Kb / 13P
200 V, 1 A hyperfast recovery rectifier
1 April 2022
More results


Similar Description - PNE20010EXDX

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PNE20010ER NEXPERIA-PNE20010ER Datasheet
251Kb / 13P
200 V, 1 A hyperfast recovery rectifier
3 January 2019
PNE20020ER NEXPERIA-PNE20020ER Datasheet
248Kb / 13P
200 V, 2 A hyperfast recovery rectifier
3 January 2019
PNE200100EPE NEXPERIA-PNE200100EPE Datasheet
264Kb / 12P
200 V, 10 A hyperfast recovery rectifier
16 June 2022
PNE20060EPE NEXPERIA-PNE20060EPE Datasheet
240Kb / 12P
200 V, 6 A hyperfast recovery rectifier
13 June 2022
PNE20010ER-Q NEXPERIA-PNE20010ER-Q Datasheet
254Kb / 13P
200 V, 1 A hyperfast recovery rectifier
21 March 2023
PNE20020AER-Q NEXPERIA-PNE20020AER-Q Datasheet
261Kb / 14P
200 V, 2 A hyperfast recovery rectifier
21 March 2023
PNE20020ER-Q NEXPERIA-PNE20020ER-Q Datasheet
254Kb / 13P
200 V, 2 A hyperfast recovery rectifier
21 March 2023
PNE20050EP-Q NEXPERIA-PNE20050EP-Q Datasheet
250Kb / 13P
200 V, 5 A hyperfast recovery rectifier
21 November 2022
PNE20010EXD-Q NEXPERIA-PNE20010EXD-Q Datasheet
252Kb / 13P
200 V, 1 A hyperfast recovery rectifier
1 April 2022
PNE20050EP NEXPERIA-PNE20050EP Datasheet
250Kb / 13P
200 V, 5 A hyperfast recovery rectifier
21 November 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com