Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTA1C2.5 Datasheet (PDF) - Belden Inc.

RTA1C2.5 Datasheet PDF - Belden Inc.
Part # RTA1C2.5
Download  RTA1C2.5 Download
File Size   148.6 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RailTuff™ Thin wall cable 300V 1 C 2.5 mm² Str TC, XLPO Ins

RTA1C2.5 Datasheet (PDF)

Go To PDF Page Download Datasheet
RTA1C2.5 Datasheet PDF - Belden Inc.

Part # RTA1C2.5
Download  RTA1C2.5 Click to download

File Size   148.6 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RailTuff™ Thin wall cable 300V 1 C 2.5 mm² Str TC, XLPO Ins

RTA1C2.5 Datasheet (HTML) - Belden Inc.


RTA1C2.5 Product details

Product Description
RailTuff™ Thin wall cable 300V 1 Core 2.5 mm² Stranded Tinned Copper, XLPO Insulation




Similar Part No. - RTA1C2.5

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RTA1C0.5 BELDEN-RTA1C0.5 Datasheet
148Kb / 2P
RailTuff™ Thin wall cable 300V 1 C 0.5 mm² Str TC, XLPO Ins
04-05-2023
RTA1C0.75 BELDEN-RTA1C0.75 Datasheet
146Kb / 2P
RailTuff™ Thin wall cable 300V 1 C 0.75 mm² Str TC, XLPO Ins
04-05-2023
RTA1C1 BELDEN-RTA1C1 Datasheet
146Kb / 2P
RailTuff™ Thin wall cable 300V 1 C 1.0 mm² Str TC, XLPO Ins
04-05-2023
RTA1C1.5 BELDEN-RTA1C1.5 Datasheet
146Kb / 2P
RailTuff™ Thin wall cable 300V 1 C 1.5 mm² Str TC, XLPO Ins
04-05-2023
More results


Similar Description - RTA1C2.5

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RMF1C2.5 BELDEN-RMF1C2.5 Datasheet
130Kb / 2P
RailTuff™ Medium wall cable 600V 1 C 2.5 mm² Str TC,XLPO Ins
04-05-2023
RTA1C0.5 BELDEN-RTA1C0.5 Datasheet
148Kb / 2P
RailTuff™ Thin wall cable 300V 1 C 0.5 mm² Str TC, XLPO Ins
04-05-2023
RTA1C0.75 BELDEN-RTA1C0.75 Datasheet
146Kb / 2P
RailTuff™ Thin wall cable 300V 1 C 0.75 mm² Str TC, XLPO Ins
04-05-2023
RTA1C1.5 BELDEN-RTA1C1.5 Datasheet
146Kb / 2P
RailTuff™ Thin wall cable 300V 1 C 1.5 mm² Str TC, XLPO Ins
04-05-2023
RTA1C1 BELDEN-RTA1C1 Datasheet
146Kb / 2P
RailTuff™ Thin wall cable 300V 1 C 1.0 mm² Str TC, XLPO Ins
04-05-2023
RTB1C1.5 BELDEN-RTB1C1.5 Datasheet
142Kb / 2P
RailTuff™ Thin wall cable 300V 1 C 1.5 mm² TC, XLPO Ins, TCBS, XLPO Outer Jkt
04-05-2023
RTB1C2.5 BELDEN-RTB1C2.5 Datasheet
142Kb / 2P
RailTuff™ Thin wall cable 300V 1 C 2.5 mm² TC, XLPO Ins, TCBS, XLPO Outer Jkt
04-05-2023
RTB2C2.5 BELDEN-RTB2C2.5 Datasheet
140Kb / 2P
RailTuff™ Thin wall cable 300V 2 C 2.5 mm² TC, XLPO Ins, TCBS, XLPO Outer Jkt
04-05-2023
RTB3C2.5 BELDEN-RTB3C2.5 Datasheet
142Kb / 2P
RailTuff™ Thin wall cable 300V 3 C 2.5 mm² TC, XLPO Ins, TCBS, XLPO Outer Jkt
04-05-2023
RTB4C2.5 BELDEN-RTB4C2.5 Datasheet
143Kb / 2P
RailTuff™ Thin wall cable 300V 4 C 2.5 mm² TC, XLPO Ins, TCBS, XLPO Outer Jkt
04-05-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com