Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JQX53 Datasheet (PDF) - RAYEX ELECTRONICS CO., LTD

JQX53 Datasheet PDF - RAYEX ELECTRONICS CO., LTD
Part # JQX53
Download  JQX53 Download
File Size   82.4 Kbytes
Page   2 Pages
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD
Description JQX53 SERIES

JQX53 Datasheet (PDF)

Go To PDF Page Download Datasheet
JQX53 Datasheet PDF - RAYEX ELECTRONICS CO., LTD

Part # JQX53
Download  JQX53 Click to download

File Size   82.4 Kbytes
Page   2 Pages
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD
Description JQX53 SERIES

JQX53 Datasheet (HTML) - RAYEX ELECTRONICS CO., LTD


JQX53 Product details

FEATURES
•2 Pole and 3 Pole type are available.
•Contact rating up to 10A/250VAC, 20A/250VAC




Similar Part No. - JQX53

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JQX-102F ETC1-JQX-102F Datasheet
296Kb / 2P
MINIATURE HIGH POWER RELAY
logo
DB Lectro Inc
JQX-102F DBLECTRO-JQX-102F Datasheet
140Kb / 2P
Used in household appliance like air conditioning , heater and instruments etc.
JQX-102F DBLECTRO-JQX-102F Datasheet
418Kb / 3P
Used in household appliances like air conditioning , heater and instruments etc
logo
List of Unclassifed Man...
JQX-102F005 ETC1-JQX-102F005 Datasheet
296Kb / 2P
MINIATURE HIGH POWER RELAY
JQX-102F012 ETC1-JQX-102F012 Datasheet
296Kb / 2P
MINIATURE HIGH POWER RELAY
More results


Similar Description - JQX53

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com