Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMR Datasheet (PDF) - RAYEX ELECTRONICS CO., LTD

LMR Datasheet PDF - RAYEX ELECTRONICS CO., LTD
Part # LMR
Download  LMR Download
File Size   465.42 Kbytes
Page   2 Pages
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD
Description LMR SERIES

LMR Datasheet (PDF)

Go To PDF Page Download Datasheet
LMR Datasheet PDF - RAYEX ELECTRONICS CO., LTD

Part # LMR
Download  LMR Click to download

File Size   465.42 Kbytes
Page   2 Pages
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD
Description LMR SERIES

LMR Datasheet (HTML) - RAYEX ELECTRONICS CO., LTD


LMR Product details

FEATURES
High sensitive type
Dielectric strength AC 5,000V
8mm insulation distance
Using at home appliances, microwave ovens,
air conditioners, audio equipment, temperature
controller




Similar Part No. - LMR

ManufacturerPart #DatasheetDescription
logo
IDEM Safety Switches
LMR IDEM-SAFETY-LMR Datasheet
1Mb / 2P
Non Contact Magnetic Safety Switches
Jun 21
logo
Pasternack Enterprises,...
LMR-100A PASTERNACK-LMR-100A Datasheet
225Kb / 2P
Flexible Low Loss Communications Coax
logo
Infinite Electronics In...
LMR-100A-FR-BULK FAIRVIEW-LMR-100A-FR-BULK Datasheet
478Kb / 4P
Times Microwave LMR-100A-FR Low Loss Flexible Coax Cable Black FRPE Jacket Fire Rated
REV 1.1A
LMR-100A-PVC-BULK FAIRVIEW-LMR-100A-PVC-BULK Datasheet
471Kb / 3P
Times Microwave LMR-100A-PVC Low Loss Flexible Coax Cable Black PVC Jacket
REV 1.1A
LMR-100A-UF-BULK FAIRVIEW-LMR-100A-UF-BULK Datasheet
301Kb / 4P
Times Microwave LMR-100A-UF Low Loss Flexible Coax Cable Black TPE Jacket Ultra Flex
REV C
More results


Similar Description - LMR

ManufacturerPart #DatasheetDescription
logo
TEMEX
TMXW356 TEMEX-TMXW356 Datasheet
285Kb / 5P
SAW Bandpass Filter - LMR - RF
TMXW357 TEMEX-TMXW357 Datasheet
374Kb / 5P
SAW Bandpass Filter - LMR - RF
logo
Winchester Electronics ...
1203-23-9 WINCHESTER-1203-23-9 Datasheet
93Kb / 1P
FOR USE WITH LMR 400 CABLE
1205-77-9 WINCHESTER-1205-77-9 Datasheet
90Kb / 1P
PLUG, N, (LMR 600)
1205-77-9MJ3 WINCHESTER-1205-77-9MJ3 Datasheet
90Kb / 1P
PLUG, N (LMR 600)
logo
Pasternack Enterprises,...
PE44666 PASTERNACK-PE44666 Datasheet
215Kb / 3P
RP SMA Male Connector Crimp - Solder Attachment For PE-B400, PE-B405, PE-C400, LMR-400, LMR-400-DB, LMR-400-UF
PE44667 PASTERNACK-PE44667 Datasheet
211Kb / 2P
RP SMA Female Connector Crimp - Solder Attachment For PE-B400, PE-B405, PE-C400, LMR-400, LMR-400-DB, LMR-400-UF
PE44673 PASTERNACK-PE44673 Datasheet
208Kb / 2P
RP TNC Female Connector Crimp - Solder Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
logo
Amphenol RF.
31-6683-EE RF-31-6683-EE Datasheet
142Kb / 1P
TNC STR PLUG IP 67 FOR LMR 240 UF & LMR 240 CABLE EXTREME EXPOSURE
Rev. A
logo
List of Unclassifed Man...
LMR1-12D ETC-LMR1-12D Datasheet
452Kb / 2P
LMR SERIES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com