Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LJ-12 Datasheet (PDF) - RAYEX ELECTRONICS CO., LTD

LJ-12 Datasheet PDF - RAYEX ELECTRONICS CO., LTD
Part # LJ-12
Download  LJ-12 Download
File Size   581.7 Kbytes
Page   2 Pages
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD
Description LJ SERIES

LJ-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
LJ-12 Datasheet PDF - RAYEX ELECTRONICS CO., LTD

Part # LJ-12
Download  LJ-12 Click to download

File Size   581.7 Kbytes
Page   2 Pages
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD
Description LJ SERIES

LJ-12 Datasheet (HTML) - RAYEX ELECTRONICS CO., LTD


LJ-12 Product details

FEATURES
•Small size (18.6x10.4x15.8mm) up to 10A/ 5A switching
•capacity for high density PC Board mounting technique
•Plastic insulation material designed for high temperature
and better chemical solution performance
•Using at Domestic appliances, office machines, audio
equipment, Automotive, etc.




Similar Part No. - LJ-12

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
LJ-40-10 ARIES-LJ-40-10 Datasheet
1Mb / 1P
Shorting Plugs and Jacks
logo
OSRAM GmbH
LJ-CKBP OSRAM-LJ-CKBP Datasheet
1,001Kb / 22P
SMD ceramic package with silicone lens
logo
ams-OSRAM AG
LJ-CKBP AMSOSRAM-LJ-CKBP Datasheet
1Mb / 23P
OSLON® Signal
2022-06-02
LJ-CRBP-01 AMSOSRAM-LJ-CRBP-01 Datasheet
2Mb / 23P
OSLON™ Signal
2026-05-05
logo
Vanlong Technology Co.,...
LJ-SERIES VANLONG-LJ-SERIES Datasheet
40Kb / 1P
Excellent mechanical structure
More results


Similar Description - LJ-12

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Schneider Electric
PDC12DG4L3 SCHNEIDER-PDC12DG4L3 Datasheet
162Kb / 2P
150 to 600A LD,LG,LJ,LL MOULDED CASE CIRCUIT BREAKER POWER DISTRIBUTION CONNECTO
Apr 19, 2021
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com