Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2-12D Datasheet (PDF) - RAYEX ELECTRONICS CO., LTD

LMP2-12D Datasheet PDF - RAYEX ELECTRONICS CO., LTD
Part # LMP2-12D
Download  LMP2-12D Download
File Size   68.33 Kbytes
Page   2 Pages
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD
Description LM SERIES

LMP2-12D Datasheet (PDF)

Go To PDF Page Download Datasheet
LMP2-12D Datasheet PDF - RAYEX ELECTRONICS CO., LTD

Part # LMP2-12D
Download  LMP2-12D Click to download

File Size   68.33 Kbytes
Page   2 Pages
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD
Description LM SERIES

LMP2-12D Datasheet (HTML) - RAYEX ELECTRONICS CO., LTD


LMP2-12D Product details

FEATURES
•Height 20.5mm
•Transparent cover
•High sensitive type
•Dielectric strength AC 5,000V
•8mm insulation distance
•Using at home appliances, microwave ovens,
air conditioners, audio equipment, temperature controller




Similar Part No. - LMP2-12D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2011 NSC-LMP2011 Datasheet
688Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMP2011 TI1-LMP2011 Datasheet
1Mb / 33P
Dual High Precision, Rail-to-Rail Output Operational Amplifier
logo
National Semiconductor ...
LMP2011 NSC-LMP2011 Datasheet
502Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMP2011MA NSC-LMP2011MA Datasheet
688Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMP2011MA NSC-LMP2011MA Datasheet
502Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
More results


Similar Description - LMP2-12D

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAHP1215WA1 EVERLIGHT-EAHP1215WA1 Datasheet
1Mb / 24P
LM-80 Certified
EAHP1215WA2 EVERLIGHT-EAHP1215WA2 Datasheet
1Mb / 24P
LM-80 Certified
EAHP1215WB9 EVERLIGHT-EAHP1215WB9 Datasheet
1Mb / 24P
LM-80 Certified
EAHP2024WA5 EVERLIGHT-EAHP2024WA5 Datasheet
1Mb / 23P
LM-80 Certified
EAHP2024WB5 EVERLIGHT-EAHP2024WB5 Datasheet
1Mb / 23P
LM-80 Certified
EAHP2024WB8 EVERLIGHT-EAHP2024WB8 Datasheet
1Mb / 23P
LM-80 Certified
EAHP3045BA0 EVERLIGHT-EAHP3045BA0 Datasheet
889Kb / 23P
LM-80 Certified
EAHP3045OA1 EVERLIGHT-EAHP3045OA1 Datasheet
889Kb / 23P
LM-80 Certified
EAHP3045RA5 EVERLIGHT-EAHP3045RA5 Datasheet
916Kb / 23P
LM-80 Certified
EAHP3045YA2 EVERLIGHT-EAHP3045YA2 Datasheet
856Kb / 23P
LM-80 Certified
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com