Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBFB16R02S Datasheet (PDF) - VBsemi Electronics Co.,Ltd

VBFB16R02S Datasheet PDF - VBsemi Electronics Co.,Ltd
Part # VBFB16R02S
Download  VBFB16R02S Download
File Size   1120.4 Kbytes
Page   12 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N-Channel 600V(D-S) Super Junction Power MOSFET

VBFB16R02S Datasheet (PDF)

Go To PDF Page Download Datasheet
VBFB16R02S Datasheet PDF - VBsemi Electronics Co.,Ltd

Part # VBFB16R02S
Download  VBFB16R02S Click to download

File Size   1120.4 Kbytes
Page   12 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N-Channel 600V(D-S) Super Junction Power MOSFET

VBFB16R02S Datasheet (HTML) - VBsemi Electronics Co.,Ltd


VBFB16R02S Product details

FEATURES
• Isolated Package
• High Voltage Isolation = 2.5 kVRMS (t = 60 s;
f = 60 Hz)
• Sink to Lead Creepage Distance = 4.8 mm
• Dynamic dV/dt Rating
• Low Thermal Resistance
• Lead (Pb)-free Available




Similar Part No. - VBFB16R02S

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VBFB16R02 VBSEMI-VBFB16R02 Datasheet
1Mb / 12P
Power MOSFET
VBFB16R02 VBSEMI-VBFB16R02 Datasheet
1Mb / 12P
Power MOSFET
More results


Similar Description - VBFB16R02S

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VBE16R05S VBSEMI-VBE16R05S Datasheet
1Mb / 12P
N-Channel 600V(D-S) Super Junction Power MOSFET
VBE16R07S VBSEMI-VBE16R07S Datasheet
916Kb / 11P
N-Channel 600V(D-S) Super Junction Power MOSFET
VBE16R08 VBSEMI-VBE16R08 Datasheet
922Kb / 11P
N-Channel 600V(D-S) Super Junction Power MOSFET
VBE16R10 VBSEMI-VBE16R10 Datasheet
815Kb / 10P
N-Channel 600V (D-S) Super Junction Power MOSFET
VBE16R10S VBSEMI-VBE16R10S Datasheet
899Kb / 11P
N-Channel 600V (D-S) Super Junction Power MOSFET
VBM16R06 VBSEMI-VBM16R06 Datasheet
913Kb / 11P
N-Channel 600V (D-S) Super Junction Power MOSFET
VBM16R07 VBSEMI-VBM16R07 Datasheet
913Kb / 11P
N-Channel 600V (D-S) Super Junction Power MOSFET
VBM16R11 VBSEMI-VBM16R11 Datasheet
809Kb / 10P
N-Channel 600V (D-S) Super Junction Power MOSFET
VBM16R15 VBSEMI-VBM16R15 Datasheet
796Kb / 9P
N-Channel 600V (D-S) Super Junction Power MOSFET
VBM16R18 VBSEMI-VBM16R18 Datasheet
811Kb / 9P
N-Channel 600V (D-S) Super Junction Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com