Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFQ151 Datasheet (PDF) - NXP Semiconductors

BFQ151 Datasheet PDF - NXP Semiconductors
Part # BFQ151
Download  BFQ151 Download
File Size   58.72 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PNP video transistor

BFQ151 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFQ151 Datasheet PDF - NXP Semiconductors

Part # BFQ151
Download  BFQ151 Click to download

File Size   58.72 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PNP video transistor

BFQ151 Datasheet (HTML) - NXP Semiconductors


BFQ151 Product details

DESCRIPTION
PNP video transistor in a SOT54 plastic package.

FEATURES
• High gain bandwidth
• Good thermal stability
• Gold metallization ensures excellent reliability.

APPLICATIONS
• Pre-stage driver between video amplifier and video module.




Similar Part No. - BFQ151

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFQ131 PHILIPS-BFQ131 Datasheet
40Kb / 6P
NPN video transistor
1995 Sep 26
BFQ135 PHILIPS-BFQ135 Datasheet
78Kb / 12P
NPN 6.5 GHz wideband transistor
1997 Nov 07
BFQ136 PHILIPS-BFQ136 Datasheet
73Kb / 9P
NPN 4 GHz wideband transistor
September 1995
BFQ149 PHILIPS-BFQ149 Datasheet
37Kb / 6P
PNP 5 GHz wideband transistor
September 1995
BFQ149 NXP-BFQ149 Datasheet
227Kb / 7P
PNP 5 GHz wideband transistor
Rev. 03-28 September 2007
More results


Similar Description - BFQ151

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2366 NTE-NTE2366 Datasheet
19Kb / 2P
Silicon PNP Transistor High Voltage Video Amp (Compl to NTE399)
logo
NXP Semiconductors
BFQ241 PHILIPS-BFQ241 Datasheet
44Kb / 6P
PNP video transistor
1996 Sep 04
BFQ242 PHILIPS-BFQ242 Datasheet
47Kb / 6P
PNP video transistor
1996 Sep 04
BFQ245 PHILIPS-BFQ245 Datasheet
45Kb / 6P
PNP video transistor
1996 Sep 04
BFQ246 PHILIPS-BFQ246 Datasheet
46Kb / 6P
PNP video transistor
1996 Sep 04
BFQ251 PHILIPS-BFQ251 Datasheet
66Kb / 8P
PNP video transistor
1998 Oct 06
BFQ252 PHILIPS-BFQ252 Datasheet
63Kb / 8P
PNP video transistors
1997 Oct 02
BFQ255 PHILIPS-BFQ255 Datasheet
63Kb / 8P
PNP video transistors
1997 Oct 02
BFQ256 PHILIPS-BFQ256 Datasheet
56Kb / 8P
PNP video transistors
1997 Oct 02
logo
KEC(Korea Electronics)
KTC3503 KEC-KTC3503 Datasheet
398Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(HIGH-DEFINITION CRT DISPLAY VIDEO OUTPUT)
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com