Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79RC64574 Datasheet (PDF) - Renesas Technology Corp

79RC64574 Datasheet PDF - Renesas Technology Corp
Part # 79RC64574
Download  79RC64574 Download
File Size   767.32 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Advanced 64-bit Microprocessors Product Family

79RC64574 Datasheet (PDF)

Go To PDF Page Download Datasheet
79RC64574 Datasheet PDF - Renesas Technology Corp

Part # 79RC64574
Download  79RC64574 Click to download

File Size   767.32 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Advanced 64-bit Microprocessors Product Family

79RC64574 Datasheet (HTML) - Renesas Technology Corp


79RC64574 Product details

Features
◆ High-performance 64-bit embedded Microprocessor
– 250MHz operating frequency
– >330 Dhrystone MIPS performance
– 300MFLOPS/s floating-point performance
– Up to 125 million multiply accumulate per second (MAC/s)
– MIPS-IV Instruction Set Architecture (ISA), with integer DSP
and 3-operand integer multiply extensions
– Limited dual-issue microarchitecture
◆ Compatible with RC4640 and RC32364 DSP extensions
– DSP Extensions, for consumer applications
– 2-cycle repeat rate, on atomic Multiply-add
– Multiply-subtract (MSUB) support, for complex number
processing
– Count-leading-zero/one support, for string searches and
normalization
◆ High-performance on-chip cache subsystem
– 32kB, two-set associative instruction cache (I-cache)
– 32kB, two-set associative data cache (D-cache)
– Write-through and write-back data cache operations
– High-performance cache-ops, bandwidth management
◆ I-cache and D-cache locking capability (per line), provides
improved real-time support
◆ Joint TLB on-chip, for virtual-to-physical address mapping




Similar Part No. - 79RC64574

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
79RC64574 IDT-79RC64574 Datasheet
571Kb / 28P
Advanced 64-bit Microprocessors Product Family
More results


Similar Description - 79RC64574

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9328MX21 MOTOROLA-MC9328MX21 Datasheet
1Mb / 106P
i.MX family of microprocessors
logo
Intel Corporation
8085AH INTEL-8085AH Datasheet
664Kb / 20P
8 BIT HMOS MICROPROCESSORS
logo
PMC-Sierra, Inc
RM7935 PMC-RM7935 Datasheet
668Kb / 2P
64-bit Microprocessors with Integrated L2 Cache and EJTAG
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
i.MX family of microprocessors
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
MX family of microprocessors
logo
Integrated Device Techn...
79RC64574 IDT-79RC64574 Datasheet
571Kb / 28P
Advanced 64-bit Microprocessors Product Family
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S_08 Datasheet
1Mb / 88P
i.MX family of microprocessors 266 MHz
MC9328MX21 FREESCALE-MC9328MX21_09 Datasheet
2Mb / 100P
i.MX family of microprocessors
MC9328MX21 FREESCALE-MC9328MX21_10 Datasheet
1Mb / 100P
266 MHz i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
MX family of microprocessors
Rev. 1.3, 06/2008
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com