Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT157AT Datasheet (PDF) - Renesas Technology Corp

IDT74FCT157AT Datasheet PDF - Renesas Technology Corp
Part # IDT74FCT157AT
Download  IDT74FCT157AT Download
File Size   276.41 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS QUAD 2-INPUT MULTIPLEXER

IDT74FCT157AT Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT157AT Datasheet PDF - Renesas Technology Corp

Part # IDT74FCT157AT
Download  IDT74FCT157AT Click to download

File Size   276.41 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS QUAD 2-INPUT MULTIPLEXER

IDT74FCT157AT Datasheet (HTML) - Renesas Technology Corp


IDT74FCT157AT Product details

FEATURES:
• A, C, and D grades
• Low input and output leakage ≤1μA (max.)
• CMOS power levels
• True TTL input and output compatibility:
– VOH = 3.3V (typ.)
– VOL = 0.3V (typ.)
• High Drive outputs (-15mA IOH, 48mA IOL)
• Meets or exceeds JEDEC standard 18 specifications
• Power off disable outputs permit "live insertion"
• Available in SOIC and QSOP packages




Similar Part No. - IDT74FCT157AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT157AT IDT-IDT74FCT157AT Datasheet
135Kb / 7P
FAST CMOS QUAD 2-INPUT MULTIPLEXER
IDT74FCT157AT IDT-IDT74FCT157AT Datasheet
73Kb / 6P
FAST CMOS QUAD 2-INPUT MULTIPLEXER
IDT74FCT157ATD IDT-IDT74FCT157ATD Datasheet
135Kb / 7P
FAST CMOS QUAD 2-INPUT MULTIPLEXER
IDT74FCT157ATDB IDT-IDT74FCT157ATDB Datasheet
135Kb / 7P
FAST CMOS QUAD 2-INPUT MULTIPLEXER
IDT74FCT157ATE IDT-IDT74FCT157ATE Datasheet
135Kb / 7P
FAST CMOS QUAD 2-INPUT MULTIPLEXER
More results


Similar Description - IDT74FCT157AT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX157 MOTOROLA-MC74LCX157 Datasheet
145Kb / 8P
LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
MC74LCX158 MOTOROLA-MC74LCX158 Datasheet
115Kb / 4P
LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74LCX157 ONSEMI-MC74LCX157 Datasheet
145Kb / 8P
LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
1997 REV 1
logo
Integrated Device Techn...
IDT74FCT157T IDT-IDT74FCT157T Datasheet
135Kb / 7P
FAST CMOS QUAD 2-INPUT MULTIPLEXER
IDT54FCT257T IDT-IDT54FCT257T Datasheet
73Kb / 7P
FAST CMOS QUAD 2-INPUT MULTIPLEXER
logo
Pericom Semiconductor C...
PI74FCT157T PERICOM-PI74FCT157T Datasheet
50Kb / 5P
Fast CMOS Quad 2-Input Multiplexer
logo
Integrated Device Techn...
IDT74FCT157AT IDT-IDT74FCT157AT Datasheet
73Kb / 6P
FAST CMOS QUAD 2-INPUT MULTIPLEXER
IDTQS74FCT2157AT IDT-IDTQS74FCT2157AT Datasheet
74Kb / 6P
HIGH-SPEED CMOS QUAD 2-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74LCX158 ONSEMI-MC74LCX158_12 Datasheet
159Kb / 8P
Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 7
logo
Renesas Technology Corp
IDT74FCT257AT RENESAS-IDT74FCT257AT Datasheet
282Kb / 7P
FAST CMOS QUAD 2-INPUT MULTIPLEXER
SEPTEMBER 2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com