Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74LVC16344APV Datasheet (PDF) - Renesas Technology Corp

IDT74LVC16344APV Datasheet PDF - Renesas Technology Corp
Part # IDT74LVC16344APV
Download  IDT74LVC16344APV Download
File Size   312.18 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V CMOS ONE-TO-FOUR ADDRESS/CLOCK DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O

IDT74LVC16344APV Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74LVC16344APV Datasheet PDF - Renesas Technology Corp

Part # IDT74LVC16344APV
Download  IDT74LVC16344APV Click to download

File Size   312.18 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V CMOS ONE-TO-FOUR ADDRESS/CLOCK DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O

IDT74LVC16344APV Datasheet (HTML) - Renesas Technology Corp


IDT74LVC16344APV Product details

FEATURES:
• Typical tSK(o) (Output Skew) < 250ps
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
• VCC = 3.3V ± 0.3V, Normal Range
• VCC = 2.7V to 3.6V, Extended Range
• CMOS power levels (0.4μ W typ. static)
• All inputs, outputs, and I/O are 5V tolerant
• Supports hot insertion
• Available in SSOP and TSSOP packages
DRIVE FEATURES:
• High Output Drivers: ±24mA
• Reduced system switching noise




Similar Part No. - IDT74LVC16344APV

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVC16373A IDT-IDT74LVC16373A Datasheet
104Kb / 6P
3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC16373A IDT-IDT74LVC16373A Datasheet
106Kb / 6P
3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
logo
Renesas Technology Corp
IDT74LVC16373A RENESAS-IDT74LVC16373A Datasheet
284Kb / 7P
3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
JULY 2015
logo
Integrated Device Techn...
IDT74LVC16373APA IDT-IDT74LVC16373APA Datasheet
104Kb / 6P
3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC16373APF IDT-IDT74LVC16373APF Datasheet
104Kb / 6P
3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
More results


Similar Description - IDT74LVC16344APV

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVC162244A IDT-IDT74LVC162244A Datasheet
68Kb / 6P
3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC244A IDT-IDT74LVC244A Datasheet
63Kb / 6P
3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVC2244A IDT-IDT74LVC2244A Datasheet
63Kb / 6P
3.3V CMOS OCTAL BUFFER/DRIVER WITH 3- STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74FCT163344 IDT-IDT74FCT163344 Datasheet
118Kb / 7P
3.3V CMOS ONE-TO-FOUR ADDRESS/CLOCK DRIVER
IDT74LVC827A IDT-IDT74LVC827A Datasheet
68Kb / 6P
3.3V CMOS 10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC541A IDT-IDT74LVC541A Datasheet
68Kb / 6P
3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC244A IDT-IDT74LVC244A_08 Datasheet
188Kb / 6P
3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS,5 VOLT TOLERANT I/O
logo
Renesas Technology Corp
IDT74FCT163344A RENESAS-IDT74FCT163344A Datasheet
252Kb / 8P
3.3V CMOS ONE-TO-FOUR ADDRESS/CLOCK DRIVER
SEPTEMBER 2009
IDT74LVC162244A RENESAS-IDT74LVC162244A Datasheet
302Kb / 7P
3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
JULY 2015
IDT74LVC541A RENESAS-IDT74LVC541A Datasheet
454Kb / 7P
3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
February 20, 2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com