Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2017ABT Datasheet (PDF) - NXP Semiconductors

TEA2017ABT Datasheet PDF - NXP Semiconductors
Part # TEA2017ABT
Download  TEA2017ABT Download
File Size   614.4 Kbytes
Page   67 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Digital configurable LLC and DCM/QR PFC controller

TEA2017ABT Datasheet (PDF)

Go To PDF Page Download Datasheet
TEA2017ABT Datasheet PDF - NXP Semiconductors

Part # TEA2017ABT
Download  TEA2017ABT Click to download

File Size   614.4 Kbytes
Page   67 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Digital configurable LLC and DCM/QR PFC controller

TEA2017ABT Datasheet (HTML) - NXP Semiconductors


TEA2017ABT Product details

General description
The TEA2017ABT is a digital configurable LLC and PFC combo controller for highefficiency
resonant power supplies. It includes the LLC controller and a PFC controller
that works in DCM/QR mode. The TEA2017ABT enables building a complete resonant
power supply which is easy to design and has a very low component count. The
TEA2017ABT comes in a low profile and narrow body-width SO16 package.
The TEA2017ABT digital architecture is based on a high-speed configurable hardware
state machine ensuring very reliable real-time performance. During the power supply
development, many operation and protection settings of the LLC and PFC controller
can be adjusted by loading new settings into the device to meet specific application
requirements. The configurations can be fully secured to prevent unauthorized copying of
the proprietary TEA2017ABT configuration content.
In contrast to traditional resonant topologies, the TEA2017ABT shows a very high
efficiency at low loads due to the LLC low-power mode. This mode operates in the power
region between continuous switching (also called high-power mode) and burst mode.
Because the TEA2017ABT regulates the LLC output voltage of the system via the
primary capacitor voltage, it has accurate information about the power delivered to the
output. This measured output power defines the mode of operation (burst mode, lowpower
mode, or high-power mode). The transition levels of the operating modes can be
easily programmed into the device.
The TEA2017ABT contains all protections like overtemperature protection (OTP),
overcurrent protection (OCP), overvoltage protection (OVP), overpower protection (OPP),
open-loop protection (OLP), and capacitive mode regulation (CMR). Each of these
protections can be configured independently and accurately by programming parameters
inside the device.
The device contains a low-voltage and a high-voltage silicon technology for high-voltage
start-up, integrated drivers, level shifter, protections, and circuitry assuring zero-voltage
switching.
The TEA2017ABT/TEA2095T combination gives an easy to design, highly efficient, and
reliable power supply, providing 90 W to 500 W, with a minimum of external components.
The system provides a very low no-load input power (< 75 mW; total system including the
TEA2017ABT/TEA2095T combination) and high efficiency from minimum to maximum
load. This power supply meets the efficiency regulations of Energy Star, the Department
of Energy, the Eco-design directive of the European Union, the European Code of
Conduct, and other guidelines. So, any auxiliary low-power supply can be omitted.
To enhance readability, only typical values are given in this document, except in the
parametric tables (Section 9, Section 10, and Section 11). If values in the text differ from
the values for the same parameter in the parametric tables, the values in these tables are
leading.

Features and benefits
2.1 Distinctive features
• Complete functionality of a PFC and LLC controller in a single small-size SO16
package
• Integrated high-voltage start-up
• Integrated drivers and high-voltage level shifter (LS)
• High-side driver directly supplied from the low-side driver output
• Accurate boost voltage regulation
• PFC that works in DCM/QR mode
• Integrated X-capacitor discharge without additional external components
• Power good function
• PFC jitter for optimized EMI performance
• Excellent power factor (PF) and total harmonic distortion (THD), as the PFC current
compensates for the input filter current
• Several parameters can easily be configured during evaluation with use of the
graphical user interface (GUI), like:
– Operating frequencies to be outside the audible area at all operating modes
– Soft start and soft stop in burst mode, reducing the audible noise
– Accurate transition levels between operation modes (high-power mode/low-power
mode/burst mode)
– Enabling/disabling the lower power mode
• Can easily be combined with an external standby supply
2.2 Green features
• Valley/zero voltage switching for minimum switching losses
• Extremely high efficiency from low load to high load
• Compliant with latest energy-saving standards and directives (Energy Star, EuP)
• Excellent no-load input power (< 75 mW for TEA2017ABT/TEA2095T combination)
2.3 Protection features
• Independently configurable levels and timers
• Many protections can independently be set to latched, safe restart, or latched after
several attempts to restart
• Supply undervoltage protection (UVP)
• Overpower protection (OPP)
• Internal and external overtemperature protection (OTP)
• Capacitive mode regulation (CMR)
• Accurate overvoltage protection (OVP)
• Overcurrent protection (OCP)
• Inrush current protection (ICP)
• Brownin/brownout protection
• Disable input
• Input to reset all protections

Applications
• Desktop and all-in-one PCs
• Gaming power supplies
• LCD television
• Notebook adapters and general-purpose adapters
• Printers




Similar Part No. - TEA2017ABT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA2017ABT NXP-TEA2017ABT Datasheet
597Kb / 62P
Digital configurable LLC and DCM/QR PFC controller
Rev.1-24 February 2022
TEA2017ABT NXP-TEA2017ABT Datasheet
604Kb / 66P
Digital configurable LLC and DCM/QR PFC controller
Rev. 1.1 - 31 July 2023
TEA2017ABT/1 NXP-TEA2017ABT/1 Datasheet
604Kb / 66P
Digital configurable LLC and DCM/QR PFC controller
Rev. 1.1 - 31 July 2023
TEA2017ABT1 NXP-TEA2017ABT1 Datasheet
597Kb / 62P
Digital configurable LLC and DCM/QR PFC controller
Rev.1-24 February 2022
TEA2017ABT1 NXP-TEA2017ABT1 Datasheet
604Kb / 66P
Digital configurable LLC and DCM/QR PFC controller
Rev. 1.1 - 31 July 2023
More results


Similar Description - TEA2017ABT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1751LT_1301 NXP-TEA1751LT_1301 Datasheet
277Kb / 31P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-9 January 2013
TEA1755T PHILIPS-TEA1755T Datasheet
949Kb / 35P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1-25 October 2012
TEA1753T PHILIPS-TEA1753T Datasheet
346Kb / 32P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-24 August 2012
TEA2017AAT NXP-TEA2017AAT Datasheet
605Kb / 63P
Digital configurable LLC and multimode PFC controller
Rev. 1-14 June 2021
TEA2017ABT NXP-TEA2017ABT Datasheet
597Kb / 62P
Digital configurable LLC and DCM/QR PFC controller
Rev.1-24 February 2022
TEA6017AT NXP-TEA6017AT Datasheet
609Kb / 63P
Digital configurable LLC and multimode PFC controller
Rev. 1-11 March 2022
TEA1755T NXP-TEA1755T_V01 Datasheet
331Kb / 35P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015
TEA2017AAT NXP-TEA2017AAT_V01 Datasheet
621Kb / 69P
Digital configurable LLC and multimode PFC controller
Rev. 1.1 - 17 May 2023
TEA2017AAT NXP-TEA2017AAT_V02 Datasheet
608Kb / 66P
Digital configurable LLC and multimode PFC controller
Rev. 1.2 - 31 July 2023
TEA2017ABT NXP-TEA2017ABT_V02 Datasheet
604Kb / 66P
Digital configurable LLC and DCM/QR PFC controller
Rev. 1.1 - 31 July 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com