Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMR3008 Datasheet (PDF) - MultiDimension Technology Co.,Ltd.

AMR3008 Datasheet PDF - MultiDimension Technology Co.,Ltd.
Part # AMR3008
Download  AMR3008 Download
File Size   665.89 Kbytes
Page   8 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description Dual Axis AMR Magnetic Angle Sensor

AMR3008 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMR3008 Datasheet PDF - MultiDimension Technology Co.,Ltd.

Part # AMR3008
Download  AMR3008 Click to download

File Size   665.89 Kbytes
Page   8 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description Dual Axis AMR Magnetic Angle Sensor

AMR3008 Datasheet (HTML) - MultiDimension Technology Co.,Ltd.


AMR3008 Product details

Description
The AMR3008 is a magnetic angle sensor based on
anisotropic magnetoresistance (AMR) technology. It
senses the magnetic field parallel to the surface of
the sensor with the range of magnetic field rotation
angle θ from 0° to 180°, and outputs voltage
proportional to the sine or cosine of 2θ.
The AMR3008 adopts two push-pull Wheatstone
bridges design, and each bridge contains four
high-sensitivity AMR sensing elements to provide
output signal as large as 1.3% of the supply voltage.
Additionally, this unique AMR Wheatstone bridge
design effectively compensates the output against
changes in ambient temperature.
It is available in LGA8L (5 mm x 5 mm x 0.9 mm)
and DNF6L (2 mm x 3 mm x 0.75 mm) packages.

Features and Benefits
• Anisotropic magnetoresistance (AMR) technology
• Wide range supply voltages
• Large air gap tolerance
• Very low hysteresis
• Excellent temperature stability

Applications
• Rotary position sensing
• Rotary encoder
• Non-contact potentiometer
• Valve position sensor
• Dial sensor




Similar Part No. - AMR3008

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
AMR Angle Sensor
logo
MultiDimension Technolo...
AMR3003 MULTIDIMENSION-AMR3003 Datasheet
664Kb / 8P
Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3003D MULTIDIMENSION-AMR3003D Datasheet
664Kb / 8P
Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3003LG MULTIDIMENSION-AMR3003LG Datasheet
664Kb / 8P
Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3005 MULTIDIMENSION-AMR3005 Datasheet
796Kb / 5P
AMR3005
More results


Similar Description - AMR3008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMC1041Z ETC-HMC1041Z Datasheet
248Kb / 6P
1-Axis Magnetic Sensor
HMC1052L ETC-HMC1052L Datasheet
151Kb / 1P
2-AXIS MAGNETIC SENSOR
logo
Honeywell Solid State E...
HMC1023 HONEYWELL-HMC1023 Datasheet
465Kb / 7P
3-AXIS MAGNETIC SENSOR
HMC1042L HONEYWELL-HMC1042L Datasheet
409Kb / 6P
2-Axis Magnetic Sensor
HMC1043-TR HONEYWELL-HMC1043-TR Datasheet
353Kb / 6P
3-Axis Magnetic Sensor
logo
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
AMR Angle Sensor
logo
Honeywell Solid State E...
HMC1041Z HONEYWELL-HMC1041Z Datasheet
284Kb / 6P
One-Axis Magnetic Sensor
logo
MultiDimension Technolo...
AMR3003 MULTIDIMENSION-AMR3003 Datasheet
664Kb / 8P
Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3013P MULTIDIMENSION-AMR3013P Datasheet
643Kb / 4P
AMR3013P AMR Angle Sensor
Ver. 1.2
TMR3004 MULTIDIMENSION-TMR3004 Datasheet
606Kb / 5P
TMR High Magnetic Field Dual-Axis Angle Sensor
V1.0b
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com