Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GE-T Datasheet (PDF) - MultiDimension Technology Co.,Ltd.

GE-T Datasheet PDF - MultiDimension Technology Co.,Ltd.
Part # GE-T
Download  GE-T Download
File Size   1330.23 Kbytes
Page   10 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description High Sensitivity, High Speed, High Accuracy TMR Geartooth Encoders

GE-T Datasheet (PDF)

Go To PDF Page Download Datasheet
GE-T Datasheet PDF - MultiDimension Technology Co.,Ltd.

Part # GE-T
Download  GE-T Click to download

File Size   1330.23 Kbytes
Page   10 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description High Sensitivity, High Speed, High Accuracy TMR Geartooth Encoders

GE-T Datasheet (HTML) - MultiDimension Technology Co.,Ltd.


GE-T Product details

Description
The GE series geartooth encoders are noncontact
incremental encoders measuring rotary
speed and position in spindles and motors.
Based on MultiDimension Technology (MDT)’
unique tunneling magnetoresistance (TMR)
sensor technology, they detect changes in the
magnetic field due to gear movement to achieve
high sensitivity, fast response, high accuracy,
and high reliability.

Applications
Spindles and motors
CNC machine tools
Energy and power generation systems
Elevators

Features and Benefits
• Compatible: Incremental ABZ Signal
Designed for 0.2 to 0.8 module gears with different teeth numbers.
Outputs in TTL or 1 VPP sinusoidal signal (phase A and B), reference
mark signal (Z), and corresponding differential signals (A-, B-, Z-).
Compatible with most drivers and systems.
• Quick: High response frequencies, suitable for high-speed spindle
Up to 10 MHz output frequency and up to 500 kHz input frequency.
Adapt to spindles with a speed of more than 30,000 RPM.
• Precision: High accuracy and high resolution
TTL encoder provides up to 256-fold integrated interpolation. Analog
encoder accuracy of graduation as low as 30’’ (in specific systems).
• Reliable: Designed for harsh environment
Fully sealed metal housing with surface treatment provides IP68
protection against water, oil, or dust. With the internal protection
circuit, it can effectively improve the anti-interference and anti-static
performance of the encoder. Operating temperature range is -20 °C
to 100 °C.
• Flexible: Customizable on demand
Non-standard resolutions available on demand. Reference signal
width, wave form, cable length, and gear can also be customized.
Enhanced versions support parameter burning, real-time calibration
after installation. Easy integration with optional diagnostic tool. It can
significantly improve the installation efficiency and reliability of the
encoder when the encoder is deployed with the diagnostic tool.




Similar Part No. - GE-T

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
GE-1935 AMPHENOL-GE-1935 Datasheet
324Kb / 4P
Inline Flow-Through Fluid Temperature Sensor
GE-2102 AMPHENOL-GE-2102 Datasheet
324Kb / 4P
Inline Flow-Through Fluid Temperature Sensor
GE-2103 AMPHENOL-GE-2103 Datasheet
324Kb / 4P
Inline Flow-Through Fluid Temperature Sensor
More results


Similar Description - GE-T

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PD49PI SHARP-PD49PI Datasheet
40Kb / 3P
High Speed, High Sensitivity Photodiode
PD481PIE000F SHARP-PD481PIE000F Datasheet
64Kb / 4P
High Speed, High Sensitivity Photodiode
logo
Hamamatsu Corporation
C12137 HAMAMATSU-C12137_15 Datasheet
1Mb / 9P
High accuracy, high sensitivity, compact radiation detection module
logo
American Electronic Com...
TMR401X AEC-TMR401X Datasheet
552Kb / 6P
TMR Geartooth sensor with high sensitivity to magnetic field gradient
logo
MultiDimension Technolo...
TMR4M02B MULTIDIMENSION-TMR4M02B Datasheet
640Kb / 6P
TMR Geartooth Sensor
Version 2.0.1
TMR2901 MULTIDIMENSION-TMR2901 Datasheet
507Kb / 5P
Ultra High Sensitivity TMR linear sensor
V1.0a
TMR2922 MULTIDIMENSION-TMR2922 Datasheet
469Kb / 4P
Ultra High Sensitivity TMR linear sensor
V1.0a
TMR4001 MULTIDIMENSION-TMR4001 Datasheet
858Kb / 8P
TMR Geartooth Sensor
Version 2.0.1
TMR2905 MULTIDIMENSION-TMR2905 Datasheet
625Kb / 5P
Ultra High Sensitivity TMR linear sensor
V1.0a
TMR9082 MULTIDIMENSION-TMR9082 Datasheet
748Kb / 7P
High sensitivity, Low Noise TMR Magnetic Linear Sensor
Version 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com