Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMR1202HT Datasheet (PDF) - MultiDimension Technology Co.,Ltd.

TMR1202HT Datasheet PDF - MultiDimension Technology Co.,Ltd.
Part # TMR1202HT
Download  TMR1202HT Download
File Size   1405.79 Kbytes
Page   10 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description MicroAmpere High Frequency Response Bipolar Latching Magnetic Switch Sensor

TMR1202HT Datasheet (PDF)

Go To PDF Page Download Datasheet
TMR1202HT Datasheet PDF - MultiDimension Technology Co.,Ltd.

Part # TMR1202HT
Download  TMR1202HT Click to download

File Size   1405.79 Kbytes
Page   10 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description MicroAmpere High Frequency Response Bipolar Latching Magnetic Switch Sensor

TMR1202HT Datasheet (HTML) - MultiDimension Technology Co.,Ltd.


TMR1202HT Product details

Description
TMR1202/TMR1208 is a bipolar latching magnetic
switch integrated the tunnel magnetoresistance
(TMR) magnetic sensor and CMOS circuitry, which
is able to detect the change of magnetic field and
output high and low voltage signals for high accuracy
position detection.
Unlike Hall/AMR sensors, TMR sensors with extremely
high resistance values allows TMR1202/TMR1208
to achieve the supply current as low as 1.5 μA while
operating in the full-time power supply mode, and
maintaining the response frequency of the magnetic
signal is up to 5 kHz. Therefore, TMR1202/TMR1208
can provide true continuous detection of magnetic
field signals, avoiding sampling errors from the
traditional time-sharing power supply mode.
TMR1202/TMR1208 allows a wide range of operating
supply voltages from 1.8 V to 5.5 V with excellent
temperature characteristics, and can meet the
requirements of most applications.

Features and benefits
•• Tunneling magnetoresistance (TMR) technology
•• Low power consumption: supply current 1.5 μA
•• High frequency response: up to 5 kHz
•• Bipolar latching operation
••Wide range supply voltages: 1.8 V to 5.5 V
•• CMOS push-pull output
•• High sensitivity
•• Excellent temperature stability
•• High tolerance to external magnetic field interference
•• RoHS & REACH compliant
Applications
•• Utility meters: water, gas, and heat meters
•• Proximity switches
•• Speed sensing
•• Linear and rotation position sensing
••Wake-up switch




Similar Part No. - TMR1202HT

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
TMR1201 AEC-TMR1201 Datasheet
330Kb / 5P
TMR Bipolar Switch
More results


Similar Description - TMR1202HT

ManufacturerPart #DatasheetDescription
logo
MultiDimension Technolo...
TMR265X MULTIDIMENSION-TMR265X Datasheet
505Kb / 8P
High Frequency Response Programmable TMR Linear Magnetic Sensor
Version 2.0
TMR1102 MULTIDIMENSION-TMR1102 Datasheet
1Mb / 8P
MicroAmpere High Frequency Response Unipolar Magnetic Switch Sensor
Version 2.0.1
TMR1148 MULTIDIMENSION-TMR1148 Datasheet
1Mb / 8P
MicroAmpere High Frequency Response Unipolar Magnetic Switch Sensor
Version 2.0
TMR1222 MULTIDIMENSION-TMR1222 Datasheet
1Mb / 9P
MicroAmpere High Frequency Response Dual-Axis Bipolar Magnetic Switch Sensor
Version 2.0.1
TMR1302S MULTIDIMENSION-TMR1302S Datasheet
1Mb / 13P
MicroAmpere High Frequency Response Omnipolar Magnetic Switch Sensor
Version 2.2
TMR1340BS MULTIDIMENSION-TMR1340BS Datasheet
1Mb / 13P
MicroAmpere High Frequency Response Omnipolar Magnetic Switch Sensor
Version 2.1
TMR1348 MULTIDIMENSION-TMR1348 Datasheet
1Mb / 8P
MicroAmpere High Frequency Response Omnipolar Magnetic Switch Sensor
Version 2.0.1
TMR13D3S MULTIDIMENSION-TMR13D3S Datasheet
1Mb / 11P
MicroAmpere High Frequency Response Omnipolar Magnetic Switch Sensor
Version 2.0.1
TMR2185 MULTIDIMENSION-TMR2185 Datasheet
701Kb / 7P
High Frequency Response Programmable TMR Linear Magnetic Sensor
Version 2.0
TMR2651D MULTIDIMENSION-TMR2651D Datasheet
505Kb / 8P
High Frequency Response Programmable TMR Linear Magnetic Sensor
Version 2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com