Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMR1302HTT Datasheet (PDF) - MultiDimension Technology Co.,Ltd.

TMR1302HTT Datasheet PDF - MultiDimension Technology Co.,Ltd.
Part # TMR1302HTT
Download  TMR1302HTT Download
File Size   1802.72 Kbytes
Page   13 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description MicroAmpere High Frequency Response Omnipolar Magnetic Switch Sensor

TMR1302HTT Datasheet (PDF)

Go To PDF Page Download Datasheet
TMR1302HTT Datasheet PDF - MultiDimension Technology Co.,Ltd.

Part # TMR1302HTT
Download  TMR1302HTT Click to download

File Size   1802.72 Kbytes
Page   13 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description MicroAmpere High Frequency Response Omnipolar Magnetic Switch Sensor

TMR1302HTT Datasheet (HTML) - MultiDimension Technology Co.,Ltd.


TMR1302HTT Product details

Description
TMR130x is an omnipolar magnetic switch integrated
the tunnel magnetoresistance (TMR) magnetic
sensor and CMOS circuitry, which is able to detect
the change of magnetic field and output high and low
voltage signals for high accuracy position detection.
Unlike Hall/AMR sensors, TMR sensors with
extremely high resistance values allows TMR130x
to achieve the supply current as low as 1.5 μA while
operating in the full-time power supply mode, and
maintaining the response frequency of the magnetic
signal is greater than 1 kHz. Therefore, TMR130x
can provide true continuous detection of magnetic
field signals, avoiding sampling errors from the
traditional time-sharing power supply mode.
TMR130x allows a wide range of operating supply
voltages from 1.8 V to 5.5 V with excellent temperature
characteristics, and can meet the requirements of
most applications.
TMR130x is available in three compact SOT23-3,
TO92S and LGA3L (2 mm × 1.5 mm × 0.63 mm)
packages.

Features and benefits
••Tunneling magnetoresistance (TMR) technology
••Low power consumption: supply current 1.5 μA
••High frequency response: >1 kHz
••Omnipolar operation
••Wide range supply voltages: 1.8 V to 5.5 V
••CMOS push-pull output
••High sensitivity
••Excellent temperature stability
••High tolerance to external magnetic field
interference
••RoHS & REACH compliant
Applications
••Utility meters: water, gas, and heat meters
••Proximity switches
••Speed sensing
••Linear and rotation position sensing




Similar Part No. - TMR1302HTT

ManufacturerPart #DatasheetDescription
logo
MultiDimension Technolo...
TMR1302B MULTIDIMENSION-TMR1302B Datasheet
514Kb / 5P
TMR Omnipolar Switch
V1.0a
More results


Similar Description - TMR1302HTT

ManufacturerPart #DatasheetDescription
logo
MultiDimension Technolo...
TMR265X MULTIDIMENSION-TMR265X Datasheet
505Kb / 8P
High Frequency Response Programmable TMR Linear Magnetic Sensor
Version 2.0
TMR1102 MULTIDIMENSION-TMR1102 Datasheet
1Mb / 8P
MicroAmpere High Frequency Response Unipolar Magnetic Switch Sensor
Version 2.0.1
TMR1148 MULTIDIMENSION-TMR1148 Datasheet
1Mb / 8P
MicroAmpere High Frequency Response Unipolar Magnetic Switch Sensor
Version 2.0
TMR1202 MULTIDIMENSION-TMR1202 Datasheet
1Mb / 10P
MicroAmpere High Frequency Response Bipolar Latching Magnetic Switch Sensor
Version 2.2.1
TMR1222 MULTIDIMENSION-TMR1222 Datasheet
1Mb / 9P
MicroAmpere High Frequency Response Dual-Axis Bipolar Magnetic Switch Sensor
Version 2.0.1
TMR1340BS MULTIDIMENSION-TMR1340BS Datasheet
1Mb / 13P
MicroAmpere High Frequency Response Omnipolar Magnetic Switch Sensor
Version 2.1
TMR1348 MULTIDIMENSION-TMR1348 Datasheet
1Mb / 8P
MicroAmpere High Frequency Response Omnipolar Magnetic Switch Sensor
Version 2.0.1
TMR1362S MULTIDIMENSION-TMR1362S Datasheet
1Mb / 12P
NanoAmpere Fast Response Omnipolar Magnetic Switch Sensor
TMR13D3S MULTIDIMENSION-TMR13D3S Datasheet
1Mb / 11P
MicroAmpere High Frequency Response Omnipolar Magnetic Switch Sensor
Version 2.0.1
TMR2185 MULTIDIMENSION-TMR2185 Datasheet
701Kb / 7P
High Frequency Response Programmable TMR Linear Magnetic Sensor
Version 2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com