Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1411071 Datasheet (PDF) - PHOENIX CONTACT

1411071 Datasheet PDF - PHOENIX CONTACT
Part # 1411071
Download  1411071 Download
File Size   500.42 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12FSD-4QO SH PN - Data connector

1411071 Datasheet (PDF)

Go To PDF Page Download Datasheet
1411071 Datasheet PDF - PHOENIX CONTACT

Part # 1411071
Download  1411071 Click to download

File Size   500.42 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12FSD-4QO SH PN - Data connector

1411071 Datasheet (HTML) - PHOENIX CONTACT


1411071 Product details

Data connector, PROFINET CAT5 (100 Mbps), 4-position, halogen-free, shielded, Socket
straight M12, D, Insulation displacement connection, knurl material: Zinc die-cast, nickel-plated,
external cable diameter 5 mm ... 9.7 mm

Your advantages
• Safe use in the field, thanks to a high degree of protection
• Insulation displacement connection: innovative and time-saving assembly without stripping the single wire
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1411071

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1411070 PHOENIX-1411070 Datasheet
79Kb / 5P
Housing - HC-HPR-B10-HHWH-1STM32-EM-BK
1411073 PHOENIX-1411073 Datasheet
58Kb / 2P
Sealing frame - CES-B16-8XSRC-BK
1411075 PHOENIX-1411075 Datasheet
263Kb / 7P
G-ESS-M20-S66L-NTES-S - Cable gland
1411076 PHOENIX-1411076 Datasheet
263Kb / 7P
G-ESS-M20-S66L-STES-S - Cable gland
1411078 PHOENIX-1411078 Datasheet
263Kb / 7P
G-ESS-M25-M66L-STES-S - Cable gland
More results


Similar Description - 1411071

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1554513 PHOENIX-1554513 Datasheet
116Kb / 8P
Data connector - SACC-M12MSD-4Q SH PN
09/11/2020
1554539 PHOENIX-1554539 Datasheet
122Kb / 8P
Data connector - SACC-M12MRD-4Q SH PN
09/11/2020
1554542 PHOENIX-1554542 Datasheet
121Kb / 8P
Data connector - SACC-M12FRD-4Q SH PN
09/11/2020
1411066 PHOENIX-1411066 Datasheet
502Kb / 14P
SACC-M12MSD-4QO SH ETH - Data connector
1411068 PHOENIX-1411068 Datasheet
501Kb / 14P
SACC-M12MSD-4QO SH PN - Data connector
1411069 PHOENIX-1411069 Datasheet
501Kb / 14P
SACC-M12FSD-4QO SH ETH - Data connector
1554526 PHOENIX-1554526 Datasheet
472Kb / 14P
SACC-M12FSD-4Q SH PN - Data connector
1424685 PHOENIX-1424685 Datasheet
669Kb / 19P
SACC-M12FRD-4PL SH PN - Data connector
1422848 PHOENIX-1422848 Datasheet
535Kb / 17P
SACC-M12FSD-4CT-CM SH PN - Data connector
1413933 PHOENIX-1413933 Datasheet
605Kb / 14P
SACC-M12MS-4QO SH PBPA - Data connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com