Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74SSTVF16859 Datasheet (PDF) - Renesas Technology Corp

IDT74SSTVF16859 Datasheet PDF - Renesas Technology Corp
Part # IDT74SSTVF16859
Download  IDT74SSTVF16859 Download
File Size   237.65 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O

IDT74SSTVF16859 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74SSTVF16859 Datasheet PDF - Renesas Technology Corp

Part # IDT74SSTVF16859
Download  IDT74SSTVF16859 Click to download

File Size   237.65 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O

IDT74SSTVF16859 Datasheet (HTML) - Renesas Technology Corp


IDT74SSTVF16859 Product details

APPLICATIONS:
• Along with CSPT857C, Zero Delay PLL Clock buffer, provides
complete solution for DDR1 DIMMs
FEATURES:
• 1:2 register buffer
• Meets or exceeds JEDEC standard SSTVF16859
• 2.3V to 2.7V Operation for PC1600, PC2100, and PC2700
• 2.5V to 2.7V Operation for PC3200
• SSTL_2 Class I style data inputs/outputs
• Differential CLK input
• RESET control compatible with LVCMOS levels
• Latch-up performance exceeds 100mA
• ESD >2000V per MIL-STD-883, Method 3015; >200V using
machine model (C = 200pF, R = 0)
• Available in 56 pin VFQFPN and 64 pin TSSOP packages




Similar Part No. - IDT74SSTVF16859

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74SSTVF16859 IDT-IDT74SSTVF16859 Datasheet
78Kb / 7P
13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16859NL IDT-IDT74SSTVF16859NL Datasheet
78Kb / 7P
13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16859NL IDT-IDT74SSTVF16859NL Datasheet
80Kb / 7P
13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16859NLG IDT-IDT74SSTVF16859NLG Datasheet
78Kb / 7P
13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16859PA IDT-IDT74SSTVF16859PA Datasheet
78Kb / 7P
13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
More results


Similar Description - IDT74SSTVF16859

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74SSTVF16857 IDT-IDT74SSTVF16857 Datasheet
67Kb / 6P
14-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16859 IDT-IDT74SSTVF16859 Datasheet
78Kb / 7P
13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVN16859 IDT-IDT74SSTVN16859 Datasheet
65Kb / 7P
13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTV16859 IDT-IDT74SSTV16859 Datasheet
71Kb / 6P
13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVN16859C IDT-IDT74SSTVN16859C Datasheet
75Kb / 7P
13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16857 IDT-IDT74SSTVF16857_07 Datasheet
72Kb / 6P
14-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16859 IDT-IDT74SSTVF16859_07 Datasheet
80Kb / 7P
13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
logo
Renesas Technology Corp
IDT74SSTV16859 RENESAS-IDT74SSTV16859 Datasheet
241Kb / 7P
13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
NOVEMBER 2008
IDT74SSTVN16859 RENESAS-IDT74SSTVN16859 Datasheet
242Kb / 8P
13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
JANUARY 2004
IDT74SSTVN16859C RENESAS-IDT74SSTVN16859C Datasheet
237Kb / 8P
13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
OCTOBER 2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com