Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82P20416DBF Datasheet (PDF) - Renesas Technology Corp

82P20416DBF Datasheet PDF - Renesas Technology Corp
Part # 82P20416DBF
Download  82P20416DBF Download
File Size   1513.57 Kbytes
Page   122 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-Channel Short Haul T1/E1/J1 Line Interface Unit

82P20416DBF Datasheet (PDF)

Go To PDF Page Download Datasheet
82P20416DBF Datasheet PDF - Renesas Technology Corp

Part # 82P20416DBF
Download  82P20416DBF Click to download

File Size   1513.57 Kbytes
Page   122 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-Channel Short Haul T1/E1/J1 Line Interface Unit

82P20416DBF Datasheet (HTML) - Renesas Technology Corp


82P20416DBF Product details

FEATURES
Integrates 16 channels T1/E1/J1 short haul line interface units
for 100 Ω T1, 120 Ω E1, 110 Ω J1 twisted pair cable and 75 Ω
E1 coaxial cable applications
Per-channel configurable Line Interface options
• Fully integrated and software selectable receive and transmit
termination
– Option 1: Fully Internal Impedance Matching with integrated receive
termination resistor
– Option 2: Partially Internal Impedance Matching with common external
resistor for improved device power dissipation
– Option 3: External impedance Matching termination
• Supports global configuration and per-channel configuration to
T1, E1 or J1 mode
Per-channel programmable features
• Provides T1/E1/J1 short haul waveform templates and userprogrammable
arbitrary waveform templates
• Provides two JAs (Jitter Attenuator) for each channel of receiver
and transmitter
• Supports AMI/B8ZS (for T1/J1) and AMI/HDB3 (for E1) encoding
and decoding
Per-channel System Interface options
• Supports Single Rail, Dual Rail with clock or without clock and
sliced system interface
• Integrated Clock Recovery for the transmit interface to recover
transmit clock from system transmit data
Per-channel system and diagnostic functions
• Provides transmit driver over-current detection and protection
with optional automatic high impedance of transmit interface
• Detects and generates PRBS (Pseudo Random Bit Sequence),
ARB (Arbitrary Pattern) and IB (Inband Loopback) in either
receive or transmit direction
• Provides defect and alarm detection in both receive and transmit
directions.
– Defects include BPV (Bipolar Violation) /CV (Code Violation) and EXZ
(Excessive Zeroes)
– Alarms include LLOS (Line LOS), SLOS (System LOS), TLOS
(Transmit LOS) and AIS (Alarm Indication Signal)
• Programmable LLOS detection /clear levels. Compliant with ITU
and ANSI specifications




Similar Part No. - 82P20416DBF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
82P20516BF RENESAS-82P20516BF Datasheet
1Mb / 116P
16-Channel Short Haul E1 Line Interface Unit
December 17, 2009
82P20516BFG RENESAS-82P20516BFG Datasheet
1Mb / 116P
16-Channel Short Haul E1 Line Interface Unit
December 17, 2009
82P20516DBF RENESAS-82P20516DBF Datasheet
1Mb / 116P
16-Channel Short Haul E1 Line Interface Unit
December 17, 2009
82P20516DBFG RENESAS-82P20516DBFG Datasheet
1Mb / 116P
16-Channel Short Haul E1 Line Interface Unit
December 17, 2009
More results


Similar Description - 82P20416DBF

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SL314 EXAR-XRT83SL314 Datasheet
569Kb / 85P
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Maxim Integrated Produc...
DS26324 MAXIM-DS26324 Datasheet
746Kb / 112P
3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
REV: 070105
logo
Exar Corporation
XRT83VSH38 EXAR-XRT83VSH38 Datasheet
1Mb / 76P
8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314 EXAR-XRT83SL314_05 Datasheet
1Mb / 83P
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316 Datasheet
563Kb / 96P
16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Dallas Semiconductor
DS26324 DALLAS-DS26324_07 Datasheet
852Kb / 120P
3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
logo
Exar Corporation
XRT83VSH316 EXAR-XRT83VSH316_07 Datasheet
559Kb / 97P
16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82P20416 IDT-IDT82P20416 Datasheet
1Mb / 121P
16-Channel Short Haul T1/E1/J1 Line Interface Unit
logo
Exar Corporation
XRT83VSH316 EXAR-XRT83VSH316_15 Datasheet
1Mb / 98P
16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com