Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT82P2288 Datasheet (PDF) - Renesas Technology Corp

IDT82P2288 Datasheet PDF - Renesas Technology Corp
Part # IDT82P2288
Download  IDT82P2288 Download
File Size   2236.98 Kbytes
Page   362 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal T1/E1/J1 Long Haul / Short Haul Transceiver

IDT82P2288 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT82P2288 Datasheet PDF - Renesas Technology Corp

Part # IDT82P2288
Download  IDT82P2288 Click to download

File Size   2236.98 Kbytes
Page   362 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal T1/E1/J1 Long Haul / Short Haul Transceiver

IDT82P2288 Datasheet (HTML) - Renesas Technology Corp


IDT82P2288 Product details

FEATURES
LINE INTERFACE
• Each link can be configured as T1, E1 or J1
• Supports T1/E1/J1 long haul/short haul line interface
• HPS for 1+1 protection without external relays
• Receive sensitivity exceeds -36 dB @ 772 Hz and -43 dB @ 1024
Hz
• Selectable internal line termination impedance: 100 Ω (for T1), 75
Ω / 120 Ω (for E1) and 110 Ω (for J1)
• Supports AMI/B8ZS (for T1/J1) and AMI/HDB3 (for E1) line encoding/
decoding
• Provides T1/E1/J1 short haul pulse templates, long haul LBO (per
ANSI T1.403 and FCC68: 0 dB, -7.5 dB, -15 dB, -22 dB) and userprogrammable
arbitrary pulse template
• Supports G.772 non-intrusive monitoring
• Supports T1.102 line monitor
• Transmit line short-circuit detection and protection
• Separate Transmit and Receive Jitter Attenuators (2 per link)
• Indicates the interval between the write pointer and the read
pointer of the FIFO in JA
• Loss of signal indication with programmable thresholds according
to ITUT-T G.775, ETS 300 233 (E1) and ANSI T1.403 (T1/J1)
• Supports Analog Loopback, Digital Loopback and Remote Loopback
• Each receiver and transmitter can be individually powered down




Similar Part No. - IDT82P2288

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82P2288 IDT-IDT82P2288 Datasheet
1Mb / 384P
Octal T1/E1/J1 Long Haul Short Haul Transceiver
IDT82P2288BB IDT-IDT82P2288BB Datasheet
1Mb / 384P
Octal T1/E1/J1 Long Haul Short Haul Transceiver
IDT82P2288BBBLANK IDT-IDT82P2288BBBLANK Datasheet
2Mb / 362P
Octal T1/E1/J1 Long Haul / Short Haul Transceiver
IDT82P2288 IDT-IDT82P2288_08 Datasheet
2Mb / 362P
Octal T1/E1/J1 Long Haul / Short Haul Transceiver
More results


Similar Description - IDT82P2288

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82P2281 IDT-IDT82P2281 Datasheet
2Mb / 375P
Single T1/E1/J1 Long Haul Short Haul Transceiver
IDT82P2288 IDT-IDT82P2288 Datasheet
1Mb / 384P
Octal T1/E1/J1 Long Haul Short Haul Transceiver
IDT82P2282 IDT-IDT82P2282 Datasheet
2Mb / 383P
Dual T1/E1/J1 Long Haul / Short Haul Transceiver
IDT82P2284 IDT-IDT82P2284 Datasheet
2Mb / 384P
Quad T1/E1/J1 Long Haul / Short Haul Transceiver
IDT82P2281 IDT-IDT82P2281_09 Datasheet
2Mb / 371P
Single T1/E1/J1 Long Haul / Short Haul Transceiver
IDT82P2282 IDT-IDT82P2282_09 Datasheet
2Mb / 381P
Dual T1/E1/J1 Long Haul / Short Haul Transceiver
IDT82P2288 IDT-IDT82P2288_08 Datasheet
2Mb / 362P
Octal T1/E1/J1 Long Haul / Short Haul Transceiver
logo
Renesas Technology Corp
IDT82P2282 RENESAS-IDT82P2282 Datasheet
2Mb / 382P
Dual T1/E1/J1 Long Haul / Short Haul Transceiver
August 20, 2009
IDT82P2284 RENESAS-IDT82P2284 Datasheet
2Mb / 364P
Quad T1/E1/J1 Long Haul / Short Haul Transceiver
February 25, 2008
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com