Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82V2041EPP Datasheet (PDF) - Renesas Technology Corp

82V2041EPP Datasheet PDF - Renesas Technology Corp
Part # 82V2041EPP
Download  82V2041EPP Download
File Size   1527.26 Kbytes
Page   76 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE CHANNEL T1/E1/J1 SHORT HAUL LINE INTER- FACE UNIT

82V2041EPP Datasheet (PDF)

Go To PDF Page Download Datasheet
82V2041EPP Datasheet PDF - Renesas Technology Corp

Part # 82V2041EPP
Download  82V2041EPP Click to download

File Size   1527.26 Kbytes
Page   76 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE CHANNEL T1/E1/J1 SHORT HAUL LINE INTER- FACE UNIT

82V2041EPP Datasheet (HTML) - Renesas Technology Corp


82V2041EPP Product details

FEATURES
• Single channel T1/E1/J1 short haul line interfaces
• Supports HPS (Hitless Protection Switching) for 1+1 protection
without external relays
• Programmable T1/E1/J1 switchability allowing one bill of material
for any line condition
• Single 3.3 V power supply with 5 V tolerance on digital interfaces
• Meets or exceeds specifications in
- ANSI T1.102, T1.403 and T1.408
- ITU I.431, G.703, G.736, G.775 and G.823
- ETSI 300-166, 300-233 and TBR12/13
- AT&T Pub 62411
• Software programmable or hardware selectable on:
- Wave-shaping templates
- Line terminating impedance (T1:100 Ω, J1:110 Ω, E1:75 Ω/120 Ω)
- Adjustment of arbitrary pulse shape
- JA (Jitter Attenuator) position (receive path or transmit path)
- Single rail/dual rail system interfaces
- B8ZS/HDB3/AMI line encoding/decoding
- Active edge of transmit clock (TCLK) and receive clock (RCLK)
- Active level of transmit data (TDATA) and receive data (RDATA)
- Receiver or transmitter power down
- High impedance setting for line drivers




Similar Part No. - 82V2041EPP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
82V2042EPF RENESAS-82V2042EPF Datasheet
1Mb / 84P
DUAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
December 12, 2005
82V2042EPFG RENESAS-82V2042EPFG Datasheet
1Mb / 84P
DUAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
December 12, 2005
82V2048BBG RENESAS-82V2048BBG Datasheet
723Kb / 63P
OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
November 14, 2012
82V2048DAG RENESAS-82V2048DAG Datasheet
723Kb / 63P
OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
November 14, 2012
82V2048EBBG RENESAS-82V2048EBBG Datasheet
2Mb / 77P
OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
More results


Similar Description - 82V2041EPP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2081 IDT-IDT82V2081 Datasheet
1Mb / 68P
SINGLE CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Exar Corporation
XRT83SL314 EXAR-XRT83SL314 Datasheet
569Kb / 85P
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SH38_0609 EXAR-XRT83SH38_0609 Datasheet
1Mb / 78P
8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH38 EXAR-XRT83VSH38 Datasheet
1Mb / 76P
8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314 EXAR-XRT83SL314_05 Datasheet
1Mb / 83P
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82V2041E IDT-IDT82V2041E Datasheet
1Mb / 75P
SINGLE CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2044E IDT-IDT82V2044E Datasheet
1Mb / 73P
QUAD CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82P20416 RENESAS-IDT82P20416 Datasheet
1Mb / 122P
16-Channel Short Haul T1/E1/J1 Line Interface Unit
December 17, 2009
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
IDT82V2081 RENESAS-IDT82V2081 Datasheet
1Mb / 81P
SINGLE CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
January 7, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com