Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82V2058BB Datasheet (PDF) - Renesas Technology Corp

82V2058BB Datasheet PDF - Renesas Technology Corp
Part # 82V2058BB
Download  82V2058BB Download
File Size   889.78 Kbytes
Page   54 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description OCTAL E1 SHORT HAUL LINE INTERFACE UNIT

82V2058BB Datasheet (PDF)

Go To PDF Page Download Datasheet
82V2058BB Datasheet PDF - Renesas Technology Corp

Part # 82V2058BB
Download  82V2058BB Click to download

File Size   889.78 Kbytes
Page   54 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description OCTAL E1 SHORT HAUL LINE INTERFACE UNIT

82V2058BB Datasheet (HTML) - Renesas Technology Corp


82V2058BB Product details

Fully integrated octal E1 short haul line interface which
supports 120 Ω E1 twisted pair and 75 Ω E1 coaxial
applications
Selectable Single Rail mode or Dual Rail mode and AMI or
HDB3 encoder/decoder
Built-in transmit pre-equalization meets G.703
Selectable transmit/receive jitter attenuator meets ETSI CTR12/
13, ITU G.736, G.742 and G.823 specifications
SONET/SDH optimized jitter attenuator meets ITU G.783
mapping jitter specification
Digital/Analog LOS detector meets ITU G.775 and ETS 300 233
ITU G.772 non-intrusive monitoring for in-service testing for
any one of channel 1 to channel 7




Similar Part No. - 82V2058BB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
82V2051EPPG RENESAS-82V2051EPPG Datasheet
865Kb / 62P
SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 9, 2005
82V2052EPF RENESAS-82V2052EPF Datasheet
887Kb / 71P
DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 12, 2005
82V2052EPFG RENESAS-82V2052EPFG Datasheet
887Kb / 71P
DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 12, 2005
More results


Similar Description - 82V2058BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2058 IDT-IDT82V2058 Datasheet
609Kb / 52P
OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2048 IDT-IDT82V2048 Datasheet
673Kb / 61P
OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2054 IDT-IDT82V2054 Datasheet
1Mb / 56P
QUAD E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2058-10 IDT-IDT82V2058-10 Datasheet
1Mb / 53P
OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088_08 Datasheet
2Mb / 78P
OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2048 IDT-IDT82V2048_10 Datasheet
1Mb / 62P
OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2048 RENESAS-IDT82V2048 Datasheet
723Kb / 63P
OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
November 14, 2012
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
logo
List of Unclassifed Man...
CH5008 ETC-CH5008 Datasheet
133Kb / 2P
Octal E1 Short Haul Line Interface Unit
Rev1.0, March,2005
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com