Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT82V2082 Datasheet (PDF) - Renesas Technology Corp

IDT82V2082 Datasheet PDF - Renesas Technology Corp
Part # IDT82V2082
Download  IDT82V2082 Download
File Size   1678.92 Kbytes
Page   89 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT

IDT82V2082 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT82V2082 Datasheet PDF - Renesas Technology Corp

Part # IDT82V2082
Download  IDT82V2082 Click to download

File Size   1678.92 Kbytes
Page   89 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT

IDT82V2082 Datasheet (HTML) - Renesas Technology Corp


IDT82V2082 Product details

FEATURES:
• Dual channel T1/E1/J1 long haul/short haul line interfaces
• Supports HPS (Hitless Protection Switching) for 1+1 protection
without external relays
• Receiver sensitivity exceeds -36 dB@772KHz and -43 dB@1024
KHz
• Programmable T1/E1/J1 switchability allowing one bill of material
for any line condition
• Single 3.3 V power supply with 5 V tolerance on digital interfaces
• Meets or exceeds specifications in
- ANSI T1.102, T1.403 and T1.408
- ITU I.431, G.703, G.736, G.775 and G.823
- ETSI 300-166, 300-233 and TBR12/13
- AT&T Pub 62411
• Software programmable or hardware selectable on:
- Wave-shaping templates for short haul and long haul LBO (Line Build
Out)
- Line terminating impedance (T1:100 Ω, J1:110 Ω, E1: 75 Ω/120 Ω)
- Adjustment of arbitrary pulse shape
- JA (Jitter Attenuator) position (receive path or transmit path)
- Single rail/dual rail system interfaces
- B8ZS/HDB3/AMI line encoding/decoding
- Active edge of transmit clock (TCLK) and receive clock (RCLK)
- Active level of transmit data (TDATA) and receive data (RDATA)




Similar Part No. - IDT82V2082

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2082 IDT-IDT82V2082 Datasheet
1Mb / 79P
DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2082BFBLANK IDT-IDT82V2082BFBLANK Datasheet
1Mb / 88P
DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
IDT82V2082BFGBLANK IDT-IDT82V2082BFGBLANK Datasheet
1Mb / 88P
DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
IDT82V2082PF IDT-IDT82V2082PF Datasheet
1Mb / 79P
DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2082PFBLANK IDT-IDT82V2082PFBLANK Datasheet
1Mb / 88P
DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
More results


Similar Description - IDT82V2082

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2084 IDT-IDT82V2084 Datasheet
1Mb / 75P
QUAD CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2081 IDT-IDT82V2081 Datasheet
1Mb / 68P
SINGLE CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2082 IDT-IDT82V2082 Datasheet
1Mb / 79P
DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Exar Corporation
XRT83L314 EXAR-XRT83L314 Datasheet
1Mb / 84P
14-CHANNEL T1/E1/J1 LONG-HAUL/SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2082 IDT-IDT82V2082_09 Datasheet
1Mb / 88P
DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088_08 Datasheet
2Mb / 78P
OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2081 RENESAS-IDT82V2081 Datasheet
1Mb / 81P
SINGLE CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
January 7, 2019
IDT82V2084 RENESAS-IDT82V2084 Datasheet
1Mb / 76P
QUAD CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
February 11, 2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com