Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMT32M4LFG Datasheet (PDF) - Diodes Incorporated

DMT32M4LFG Datasheet PDF - Diodes Incorporated
Part # DMT32M4LFG
Download  DMT32M4LFG Download
File Size   494.02 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 30V N-CHANNEL ENHANCEMENT MODE MOSFET

DMT32M4LFG Datasheet (PDF)

Go To PDF Page Download Datasheet
DMT32M4LFG Datasheet PDF - Diodes Incorporated

Part # DMT32M4LFG
Download  DMT32M4LFG Click to download

File Size   494.02 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 30V N-CHANNEL ENHANCEMENT MODE MOSFET

DMT32M4LFG Datasheet (HTML) - Diodes Incorporated


DMT32M4LFG Product details

Description
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)) yet maintain superior switching performance, making it
ideal for high-efficiency power management applications.

Applications
 Backlighting
 Power Management Functions
 DC-DC Converters

Features and Benefits
Low RDS(ON) – Ensures On-State Losses Are Minimized
Excellent Qgd × RDS(ON) Product (FOM)
Advanced Technology for DC-DC Converts
Small Form Factor Thermally Efficient Package Enables Higher
Density End Products
Occupies Just 33% of the Board Area Occupied by SO-8 Enabling
Smaller End Product
100% UIS (Avalanche) Rated
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable, and
manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/




Similar Part No. - DMT32M4LFG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT32M5LFG DIODES-DMT32M5LFG Datasheet
660Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
April 2023 Rev. 5 - 2
DMT32M5LFG-13 DIODES-DMT32M5LFG-13 Datasheet
660Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
April 2023 Rev. 5 - 2
DMT32M5LFG-7 DIODES-DMT32M5LFG-7 Datasheet
660Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
April 2023 Rev. 5 - 2
DMT32M5LPS DIODES-DMT32M5LPS Datasheet
668Kb / 9P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
May 2023 Rev. 4 - 2
DMT32M5LPS-13 DIODES-DMT32M5LPS-13 Datasheet
668Kb / 9P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
May 2023 Rev. 4 - 2
More results


Similar Description - DMT32M4LFG

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com