Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT82V3389 Datasheet (PDF) - Renesas Technology Corp

IDT82V3389 Datasheet PDF - Renesas Technology Corp
Part # IDT82V3389
Download  IDT82V3389 Download
File Size   2300.8 Kbytes
Page   157 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SYNCHRONOUS ETHERNET IDT WAN PLL™

IDT82V3389 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT82V3389 Datasheet PDF - Renesas Technology Corp

Part # IDT82V3389
Download  IDT82V3389 Click to download

File Size   2300.8 Kbytes
Page   157 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SYNCHRONOUS ETHERNET IDT WAN PLL™

IDT82V3389 Datasheet (HTML) - Renesas Technology Corp


IDT82V3389 Product details

FEATURES
HIGHLIGHTS
• The first single PLL chip:
• Features 0.5 MHz to 560 Hz bandwidth
• Provides node clock for ITU-T G.8261/G.8262 Synchronous
Ethernet
• Exceeds GR-253-CORE (OC-12) and ITU-T G.813 (STM-16/
Option I) jitter generation requirements
• Provides node clocks for Cellular and WLL base-station (GSM
and 3G networks)
• Provides clocks for DSL access concentrators (DSLAM), especially
for Japan TCM-ISDN network timing based ADSL equipments
MAIN FEATURES
• Provides an integrated single-chip solution for Synchronous Equipment
Timing Source, including Stratum 3, SMC, 4E and 4 clocks
• Employs DPLL and APLL to feature excellent jitter performance
and minimize the number of the external components
• Integrates T0 DPLL and T4 DPLL; T4 DPLL locks independently or
locks to T0 DPLL
• Supports Forced or Automatic operating mode switch controlled by
an internal state machine; it supports Free-Run, Locked and Holdover
modes
• Supports programmable DPLL bandwidth (0.5 MHz to 560 Hz in 19
steps) and damping factor (1.2 to 20 in 5 steps)
• Supports 1.1X10-5 ppm absolute holdover accuracy and 4.4X10-8
ppm instantaneous holdover accuracy
• Supports PBO to minimize phase transients on T0 DPLL output to
be no more than 0.61 ns
• Supports phase absorption when phase changes on T0 selected
input clock are greater than a programmable limit over an interval
of less than 0.1 seconds
• Supports programmable input-to-output phase offset adjustment
• Limits the phase and frequency offset of the outputs
• Supports manual and automatic selected input clock switch
• Supports automatic hitless selected input clock switch on clock failure




Similar Part No. - IDT82V3389

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V3389 IDT-IDT82V3389 Datasheet
1Mb / 156P
SYNCHRONOUS ETHERNET
More results


Similar Description - IDT82V3389

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V3358 IDT-IDT82V3358 Datasheet
1Mb / 139P
SYNCHRONOUS ETHERNET WAN PLL
IDT82V3352 IDT-IDT82V3352 Datasheet
1Mb / 125P
SYNCHRONOUS ETHERNET WAN PLL
IDT82V3385 IDT-IDT82V3385 Datasheet
1Mb / 150P
SYNCHRONOUS ETHERNET WAN PLL
IDT82V3385 IDT-IDT82V3385_10 Datasheet
871Kb / 145P
SYNCHRONOUS ETHERNET WAN PLL
IDT82V3380 IDT-IDT82V3380 Datasheet
1Mb / 175P
SYNCHRONOUS ETHERNET WAN PLL
IDT82V3380A IDT-IDT82V3380A Datasheet
1Mb / 177P
SYNCHRONOUS ETHERNET IDT WAN PLL?
IDT82V3390 IDT-IDT82V3390 Datasheet
1Mb / 182P
SYNCHRONOUS ETHERNET IDT WAN PLL?
logo
Renesas Technology Corp
IDT82V3380A RENESAS-IDT82V3380A Datasheet
2Mb / 178P
SYNCHRONOUS ETHERNET IDT WAN PLL™
May 16, 2011
IDT82V3385 RENESAS-IDT82V3385 Datasheet
1Mb / 146P
SYNCHRONOUS ETHERNET WAN PLL
May 14, 2010
IDT82V3390 RENESAS-IDT82V3390 Datasheet
1Mb / 182P
SYNCHRONOUS ETHERNET IDT WAN PLL™
July 14, 2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com