Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC64474 Datasheet (PDF) - Renesas Technology Corp

RC64474 Datasheet PDF - Renesas Technology Corp
Part # RC64474
Download  RC64474 Download
File Size   976.29 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RISControllerTM Embedded 64-bit Microprocessor, based on RISCore4000TM

RC64474 Datasheet (PDF)

Go To PDF Page Download Datasheet
RC64474 Datasheet PDF - Renesas Technology Corp

Part # RC64474
Download  RC64474 Click to download

File Size   976.29 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RISControllerTM Embedded 64-bit Microprocessor, based on RISCore4000TM

RC64474 Datasheet (HTML) - Renesas Technology Corp


RC64474 Product details

Features
◆ High performance 64-bit microprocessor, based on the
RISCore4000
– Minimized branch and load delays, through streamlined
5-stage scalar pipeline.
– Single and double precision floating-point unit
– 125 peak MFLOP/s at 250 MHz
– 330 Dhrystone MIPS at 250 MHz
– Flexible RC4700-compatible MMU
– Joint TLB on-chip, for virtual-to-physical address mapping
◆ On-chip two-way set associative caches
– 16KB instruction cache (I-cache)
– 16KB data cache (D-cache)
◆ Optional I-cache and D-cache locking (per set), provides
improved real-time support
◆ Enhanced, flexible bus interface allows simple, low-cost
design
– 64-bit Bus Interface option, 1000MB/s bandwidth support
– 32-bit Bus Interface option, 500MB/s bandwidth support
– SDRAM timing protocol, through delayed data in write cycles
– RC4000/RC5000 family bus-protocol compatibility
– Bus runs at fraction of pipeline clock (1/2 to 1/8)
◆ Implements MIPS-III Instruction Set Architecture (ISA)
◆ 3.3V core with 3.3V I/O
◆ Software compatible with entire RISController Series of
Embedded Microprocessors
◆ Industrial temperature range support
◆ Active power management
– Powers down inactive units, through sleep-mode feature
◆ 100% pin compatibility between RC64574, RC64474 and
RC4640
◆ 100% pin compatibility between RC64575, RC64475 and
RC4650
◆ RC64474 available in 128-pin QFP package, for 32-bit only
systems
◆ RC64475 available in 208-pin QFP package, for full 64/32 bit
systems
◆ Simplified board-level testing, through full Joint Test Action
Group (JTAG) boundary scan
◆ Windows® CE compliant




Similar Part No. - RC64474

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
RC64474 IDT-RC64474 Datasheet
747Kb / 25P
RISControllerTM Embedded 64-bit Microprocessor, based on
More results


Similar Description - RC64474

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960JA INTEL-80960JA Datasheet
1Mb / 63P
EMBEDDED 32-BIT MICROPROCESSOR
80960JD INTEL-80960JD Datasheet
2Mb / 61P
EMBEDDED 32-BIT MICROPROCESSOR
80960KA INTEL-80960KA Datasheet
861Kb / 43P
EMBEDDED 32-BIT MICROPROCESSOR
A80960JF-33 INTEL-A80960JF-33 Datasheet
1Mb / 78P
EMBEDDED 32-BIT MICROPROCESSOR
logo
Integrated Device Techn...
79RC32364 IDT-79RC32364 Datasheet
481Kb / 21P
RISController Embedded 32-bit Microprocessor, based on RISCore32300
RC64474 IDT-RC64474 Datasheet
747Kb / 25P
RISControllerTM Embedded 64-bit Microprocessor, based on
logo
STMicroelectronics
STLS2E02 STMICROELECTRONICS-STLS2E02 Datasheet
113Kb / 5P
Loongson 2E: 700MHz 64-bit superscalar MIPS® based microprocessor
26-Apr-2007
logo
Intel Corporation
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
EMBEDDED 32-BIT MICROPROCESSOR
logo
ATMEL Corporation
SAM9G25 ATMEL-SAM9G25_14 Datasheet
3Mb / 1167P
Atmel | SMART ARM-based Embedded Microprocessor
logo
Renesas Technology Corp
79RC32364 RENESAS-79RC32364 Datasheet
526Kb / 22P
RISControllerTM Embedded 32-bit Microprocessor, based on RISCore32300
June 20, 2000
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com