Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB404 Datasheet (PDF) - BusBoard Prototype Systems Ltd.

SB404 Datasheet PDF - BusBoard Prototype Systems Ltd.
Part # SB404
Download  SB404 Download
File Size   2786.35 Kbytes
Page   3 Pages
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.
Description Transfer your circuit to this permanent circuit board from a plug-in breadboard to create a rugged long-lasting prototype.

SB404 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB404 Datasheet PDF - BusBoard Prototype Systems Ltd.

Part # SB404
Download  SB404 Click to download

File Size   2786.35 Kbytes
Page   3 Pages
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.
Description Transfer your circuit to this permanent circuit board from a plug-in breadboard to create a rugged long-lasting prototype.

SB404 Datasheet (HTML) - BusBoard Prototype Systems Ltd.


SB404 Product details

Features
• Transfer your circuit and wires without
recutting wires or changing your layout.
The SB404 Solderable PC BreadBoard has
the same pattern as a standard 400
connection point BB400 plug-in breadboard
with power rails.
• SB404 is similar to SB400, but 4 mounting
holes and a top-side silkscreen are added.
The power rails are moved inwards to be on
the 0.1” grid to allow capacitors to be more
easily used.
• Make your prototype rugged. Soldered
joints provide a more reliable long-term
connection than solderless plug-in contacts.
• Standard 5-hole strip for each IC pin, just
like solderless breadboards.
• Four power rails are provided along the
edges like a breadboard, plus 2 bonus rails.
• Bonus centerline 2 hole pads provide an
easy way to mount DIL headers.
• 0.1" hole spacing for DIP integrated circuits
and headers. Pads are connected with
thinner 0.040” tracks for easier track cutting
when required.




Similar Part No. - SB404

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SB4040CT SUNMATE-SB4040CT Datasheet
626Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB4040CT WTE-SB4040CT Datasheet
56Kb / 4P
40A DUAL SCHOTTKY BARRIER RECTIFIER
September, 2012
SB4040DC WTE-SB4040DC Datasheet
55Kb / 4P
40A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
September, 2012
SB4040DC-T3 WTE-SB4040DC-T3 Datasheet
55Kb / 4P
40A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
September, 2012
logo
PACELEADER INDUSTRIAL
SB4040FCT PACELEADER-SB4040FCT Datasheet
234Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SB404

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
CBGA AMKOR-CBGA Datasheet
504Kb / 1P
From innovative designs and expanding package offerings, Amkor provides a platform from prototype-to-production.
MCMPBGA AMKOR-MCMPBGA Datasheet
129Kb / 2P
Innovative designs and expanding package offerings provide a platform from prototype-to-production
PBGA AMKOR-PBGA Datasheet
299Kb / 2P
Innovative designs and expanding package offerings provide a platform from prototype-to-production
logo
STMicroelectronics
STGB30NC60K STMICROELECTRONICS-STGB30NC60K Datasheet
385Kb / 15P
30 A - 600 V - short circuit rugged IGBT
07-Mar-2008
STGB8NC60KD STMICROELECTRONICS-STGB8NC60KD Datasheet
562Kb / 18P
600 V - 8 A - short circuit rugged IGBT
01-Apr-2008
STGB19NC60KD STMICROELECTRONICS-STGB19NC60KD Datasheet
586Kb / 17P
20 A - 600 V - short circuit rugged IGBT
28-May-2008
STGW30N120KD STMICROELECTRONICS-STGW30N120KD Datasheet
359Kb / 13P
30 A - 1200 V - short circuit rugged IGBT
18-Jun-2008
logo
OKI electronic componet...
PCT-1000 OKI-PCT-1000 Datasheet
2Mb / 4P
Create Your Own Rework System
logo
BusBoard Prototype Syst...
SB300 BUSBOARD-SB300 Datasheet
980Kb / 1P
Transfer your circuit to this permanent circuit board from a plug-in breadboard to create a rugged long-lasting prototype.
Rev 4.00
SB400 BUSBOARD-SB400 Datasheet
1Mb / 1P
Transfer your circuit to this permanent circuit board from a plug-in breadboard to create a rugged long-lasting prototype.
Rev 4.00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com