Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM02-L2D12 Datasheet (PDF) - RAYEX ELECTRONICS CO., LTD

RM02-L2D12 Datasheet PDF - RAYEX ELECTRONICS CO., LTD
Part # RM02-L2D12
Download  RM02-L2D12 Download
File Size   540.37 Kbytes
Page   1 Pages
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD
Description RM SERIES RELAY MODULE

RM02-L2D12 Datasheet (PDF)

Go To PDF Page Download Datasheet
RM02-L2D12 Datasheet PDF - RAYEX ELECTRONICS CO., LTD

Part # RM02-L2D12
Download  RM02-L2D12 Click to download

File Size   540.37 Kbytes
Page   1 Pages
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD
Description RM SERIES RELAY MODULE

RM02-L2D12 Datasheet (HTML) - RAYEX ELECTRONICS CO., LTD


RM02-L2D12 Product details

PRODUCT FEATURES
•Support min 1 group to max 32 group type relay module;
•LMP1H/LMP2 relays can be plug in, load capacity 8A/16A
250VAC,30VDC(RES.) with TUV、UL.etc certificate;
•Relay installation : Terminal Input, NPN/PNP, AC/DC;
•Output type:1 Form、2 Form;
•Each set having an independent LED to show operating status and
surge protection circuit;
•Output has overvoltage protection;
APPLICATION
Used for PLC output load current amplification and isolation protection,
Instal in PLC, Single-chip control board, time relay, buttons and
digital output controllers , Amplify the output current of the control,
used for high-power load equipment, to protect the core control system.
•Bottom instalment support TS 15/28/35 guide rails;




Similar Part No. - RM02-L2D12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RM02 ETC-RM02 Datasheet
589Kb / 11P
Thick Film Chip Resistors
RM02 ETC-RM02 Datasheet
1,011Kb / 13P
Thick Film Chip Resistors
logo
RFE international
RM02 RFE-RM02 Datasheet
1Mb / 5P
Surface Mount Resistor
DEC-01-2023
logo
Tyco Electronics
RM020 MACOM-RM020 Datasheet
326Kb / 5P
Pushbutton Switches, 22mm, Oil-Tight, Round
logo
Vishay Barry
RM0201HA-1000FN-95 BARRY-RM0201HA-1000FN-95 Datasheet
144Kb / 2P
250mW BeO Chip Resistor w/ Single-Sided Terminals & Backplane
REV.A OCT 1 2021
More results


Similar Description - RM02-L2D12

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2971344 PHOENIX-2971344 Datasheet
74Kb / 4P
Multiple relay module - UMK- 4 RM 24
2972819 PHOENIX-2972819 Datasheet
66Kb / 4P
Multiple relay module - UMK- 4 RM 5DC
2972822 PHOENIX-2972822 Datasheet
64Kb / 4P
Multiple relay module - UMK- 4 RM 12DC
2972851 PHOENIX-2972851 Datasheet
66Kb / 4P
Multiple relay module - UMK- 4 RM 60DC
2972893 PHOENIX-2972893 Datasheet
67Kb / 4P
Multiple relay module - UMK- 8 RM 5DC/MKDS
2972932 PHOENIX-2972932 Datasheet
64Kb / 4P
Multiple relay module - UMK- 8 RM 60DC/MKDS
2972974 PHOENIX-2972974 Datasheet
66Kb / 4P
Multiple relay module - UMK-16 RM 5DC/MKDS
2972987 PHOENIX-2972987 Datasheet
63Kb / 4P
Multiple relay module - UMK-16 RM 12DC/MKDS
2972990 PHOENIX-2972990 Datasheet
72Kb / 4P
Multiple relay module - UMK-16 RM 24DC/MKDS
2319854 PHOENIX-2319854 Datasheet
75Kb / 13P
Relay Module - UM-2KS50-RM/16MR/SDV144/SO243
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com