Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FS256T Datasheet (PDF) - Infineon Technologies AG

S25FS256T Datasheet PDF - Infineon Technologies AG
Part # S25FS256T
Download  S25FS256T Download
File Size   969.32 Kbytes
Page   91 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 256Mb SEMPER™ Nano Flash

S25FS256T Datasheet (PDF)

Go To PDF Page Download Datasheet
S25FS256T Datasheet PDF - Infineon Technologies AG

Part # S25FS256T
Download  S25FS256T Click to download

File Size   969.32 Kbytes
Page   91 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 256Mb SEMPER™ Nano Flash

S25FS256T Datasheet (HTML) - Infineon Technologies AG


S25FS256T Product details

Device overview
• Architecture
- Infineon 45-nm MIRRORBIT™ technology that stores two data bits in each memory array cell
- Sector architecture
• Uniform 128 KB (2bpc) sectors
• Uniform 64 KB (1bpc) sectors
• Configurable sector architecture options for 128 KB (2bpc) and 64 KB (1bpc) sectors
- Page programming buffer of 256 or 512 bytes
- OTP secure silicon array of 1024 bytes (32  32 bytes)
• Interface
- SPI
• Supports 1S-1S-1S protocols
• Runs up to 13 MBps (104 MHz clock speed)
- Quad
• Supports 1S-1S-4S, 1S-4S-4S protocols
• Runs up to 52 MBps (104 MHz clock speed)
• Highlights
- Built-in error correcting code (ECC) corrects single-bit error and detects 2-bit error on memory array data
- Ready Busy (RD/BY# = LOW) indicates that an internal event is ongoing
- Hardware reset through CS# signaling method (JEDEC) or individual RESET# pin
• Identification
- Serial flash discoverable parameters (SFDP) describing device functions and features
- Device identification, manufacturer identification, and unique identification
• Data integrity (100% ECC protection)
- Program-erase cycles
• 1bpc sectors minimum 100K cycles
• 2bpc sectors minimum 5K cycles
- Data retention
• 1bpc sector end of life minimum 0.28 year retention
• 2bpc sector end of life minimum 25 years retention
• Supply voltage
- 1.7-V to 2.0-V
• Grade/temperature range
- Commercial (0°C to +70°C)
- Industrial (–40°C to +85°C)
• Packages
- Known good wafer (KGW) (Contact Sales)
- 24-ball BGA 6  8 mm
- Wafer level chip scale package (WLCSP)




Similar Part No. - S25FS256T

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FS256S SPANSION-S25FS256S Datasheet
8Mb / 154P
MirrorBit Flash Non-Volatile Memory
S25FS256SAGMFI101 SPANSION-S25FS256SAGMFI101 Datasheet
8Mb / 154P
MirrorBit Flash Non-Volatile Memory
S25FS256SAGMFI103 SPANSION-S25FS256SAGMFI103 Datasheet
8Mb / 154P
MirrorBit Flash Non-Volatile Memory
S25FS256SAGMFI301 SPANSION-S25FS256SAGMFI301 Datasheet
8Mb / 154P
MirrorBit Flash Non-Volatile Memory
S25FS256SAGMFI303 SPANSION-S25FS256SAGMFI303 Datasheet
8Mb / 154P
MirrorBit Flash Non-Volatile Memory
More results


Similar Description - S25FS256T

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K8A56ETC SAMSUNG-K8A56ETC Datasheet
1Mb / 64P
256Mb C-die NOR FLASH
K8P5516UZB SAMSUNG-K8P5516UZB Datasheet
1Mb / 59P
256Mb B-die NOR FLASH
K8S5615ETC SAMSUNG-K8S5615ETC Datasheet
1Mb / 65P
256Mb C-die NOR Flash
logo
Microsemi Corporation
A3PN030-ZVQG100 MICROSEMI-A3PN030-ZVQG100 Datasheet
5Mb / 114P
ProASIC3 nano Flash FPGAs
logo
Infineon Technologies A...
S26HS02GT INFINEON-S26HS02GT Datasheet
214Kb / 13P
2Gb/4Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
002-34696 Rev. **
S26HS256T INFINEON-S26HS256T Datasheet
1Mb / 166P
256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
002-12337 Rev. *Y
S28HS02GT INFINEON-S28HS02GT Datasheet
164Kb / 12P
2Gb/4Gb SEMPER??Flash Octal interface, 1.8V/3.0V
002-34695 Rev. **
S28HS256T INFINEON-S28HS256T Datasheet
1Mb / 138P
S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
002-18216 Rev. *W
S76HS512TC0 INFINEON-S76HS512TC0 Datasheet
218Kb / 16P
512Mb SEMPER™ Flash and 64Mb HYPERRAM™ 2.0 HYPERBUS™ interface, multi-chip package, 1.8 V/3.0 V
Rev. B 2022-09-21
S25HL512T INFINEON-S25HL512T Datasheet
1Mb / 3P
SEMPER™ S25HL512T memory module
REV. B 09 / 2022
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com