Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

841S02CGILF Datasheet (PDF) - Renesas Technology Corp

841S02CGILF Datasheet PDF - Renesas Technology Corp
Part # 841S02CGILF
Download  841S02CGILF Download
File Size   476.57 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCI ExpressTM Clock Generator

841S02CGILF Datasheet (PDF)

Go To PDF Page Download Datasheet
841S02CGILF Datasheet PDF - Renesas Technology Corp

Part # 841S02CGILF
Download  841S02CGILF Click to download

File Size   476.57 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCI ExpressTM Clock Generator

841S02CGILF Datasheet (HTML) - Renesas Technology Corp


841S02CGILF Product details

Features
• Two 0.7V current mode differential HCSL output pairs
• Crystal oscillator interface: 25MHz
• Output frequency: 100MHz
• RMS period jitter: 3ps (maximum)
• Output skew: 35ps (maximum)
• Cycle-to-cycle jitter: 35ps (maximum)
• I2C support with readback capabilities up to 400kHz
• Spread Spectrum for electromagnetic interference (EMI) reduction
• 3.3V operating supply mode
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 841S02CGILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
841S02CGILF RENESAS-841S02CGILF Datasheet
444Kb / 18P
PCI ExpressTM Clock Generator
Rev A 11/16/15
841S02CGILFT RENESAS-841S02CGILFT Datasheet
444Kb / 18P
PCI ExpressTM Clock Generator
Rev A 11/16/15
More results


Similar Description - 841S02CGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1493-01 ICST-MK1493-01 Datasheet
264Kb / 13P
PCI Clock Generator
Revision 021204
logo
GENESYS LOGIC
GL9701 GENESYS-GL9701 Datasheet
1Mb / 75P
PCI ExpressTM to PCI Bridge
logo
Integrated Device Techn...
ICS841S02I IDT-ICS841S02I Datasheet
547Kb / 17P
PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC01 SPECTRALINEAR-CY28SRC01 Datasheet
94Kb / 9P
PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28SRC04 CYPRESS-CY28SRC04 Datasheet
162Kb / 10P
PCI-Express Clock Generator
CY28517 CYPRESS-CY28517 Datasheet
304Kb / 12P
PCI Express Clock Generator
logo
Integrated Device Techn...
ICS841S01 IDT-ICS841S01 Datasheet
285Kb / 16P
PCI EXPRESS??CLOCK GENERATOR
MK1493-03B IDT-MK1493-03B Datasheet
446Kb / 19P
PCI CLOCK GENERATOR
841S104EGILF IDT-841S104EGILF Datasheet
993Kb / 22P
Crystal-to-HCSL 100MHz PCI ExpressTM Clock Synthesizer
logo
Renesas Technology Corp
841S01 RENESAS-841S01 Datasheet
473Kb / 18P
PCI ExpressTM Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com