Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

844S012 Datasheet (PDF) - Renesas Technology Corp

844S012 Datasheet PDF - Renesas Technology Corp
Part # 844S012
Download  844S012 Download
File Size   413.7 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Crystal-to-LVDS/LVCMOS Frequency Synthesizer

844S012 Datasheet (PDF)

Go To PDF Page Download Datasheet
844S012 Datasheet PDF - Renesas Technology Corp

Part # 844S012
Download  844S012 Click to download

File Size   413.7 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Crystal-to-LVDS/LVCMOS Frequency Synthesizer

844S012 Datasheet (HTML) - Renesas Technology Corp


844S012 Product details

Features
• Two differential LVDS outputs (Bank A), configurable for PCIe
(100MHz or 250MHz) and sRIO (100MHz or 125MHz) clock
signals
• Eight LVCMOS/LVTTL outputs (Bank B/C), 18 typical output
impedance
• Two REF_OUT LVCMOS/LVTTL clock outputs 23 typical output
impedance
• Selectable crystal oscillator interface, 25MHz, 18pF parallel
resonant crystal or one LVCMOS/LVTTL single-ended reference
clock input
• Supports the following output frequencies:
LVDS Bank A: 100MHz, 125MHz, 200MHz and 250MHz
LVCMOS/LVTTL Bank B/C: 33.33MHz, 50MHz, 66.67MHz,
100MHz, 125MHz, 133.33MHz, 166.67MHz and 200MHz
• VCO: 2GHz
• Spread spectrum clock: ±0.25% center-spread, and
-0.6% down-spread
• PLL bypass and output enable
• RMS period jitter: 17ps (maximum), QB outputs
• Full 3.3V supply voltage
• -40°C to 85°C ambient operating temperature
• Available in a lead-free (RoHS 6) compliant package
• Replacement part: 844S012BKI-01LF/T




Similar Part No. - 844S012

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
844S012 IDT-844S012 Datasheet
215Kb / 24P
Crystal-to-LVDS/LVCMOS Frequency Synthesizer
844S012AKILF IDT-844S012AKILF Datasheet
215Kb / 24P
Crystal-to-LVDS/LVCMOS Frequency Synthesizer
844S012AKILFT IDT-844S012AKILFT Datasheet
215Kb / 24P
Crystal-to-LVDS/LVCMOS Frequency Synthesizer
logo
Renesas Technology Corp
844S012BKI-01LF RENESAS-844S012BKI-01LF Datasheet
578Kb / 25P
Crystal-to-LVDS/LVCMOS Frequency Synthesizer
January 5, 2016
844S012BKI-01LFT RENESAS-844S012BKI-01LFT Datasheet
578Kb / 25P
Crystal-to-LVDS/LVCMOS Frequency Synthesizer
January 5, 2016
More results


Similar Description - 844S012

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844004I-04 ICST-ICS844004I-04 Datasheet
202Kb / 13P
FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-LVDS FREQUENCY SYNTHESIZER
REV. A JANUARY 26, 2006
logo
Integrated Device Techn...
ICS844020-45 IDT-ICS844020-45 Datasheet
608Kb / 13P
FEMTOCLOCK??CRYSTAL-TO-LVDS/LVCMOS FREQUENCY SYNTHESIZER
logo
Pericom Semiconductor C...
PI6LC4840 PERICOM-PI6LC4840 Datasheet
857Kb / 10P
Crystal to LVDS/LVCMOS Frequency Synthesizer
logo
Integrated Device Techn...
844S012 IDT-844S012 Datasheet
215Kb / 24P
Crystal-to-LVDS/LVCMOS Frequency Synthesizer
8440259D-05 IDT-8440259D-05 Datasheet
258Kb / 16P
FemtoClock NG Crystal/LVCMOS-to-LVDS/LVCMOS Frequency Synthesizer
ICS8440259D-45 IDT-ICS8440259D-45 Datasheet
188Kb / 18P
FEMTOCLOCK CRYSTAL/LVCMOS-TO LVDS LVCMOS FREQUENCY SYNTHESIZER
ICS8440259I-45 IDT-ICS8440259I-45 Datasheet
929Kb / 20P
FemtoClock Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
logo
Renesas Technology Corp
844S012I-01 RENESAS-844S012I-01 Datasheet
578Kb / 25P
Crystal-to-LVDS/LVCMOS Frequency Synthesizer
January 5, 2016
ICS8440258-46 RENESAS-ICS8440258-46 Datasheet
472Kb / 24P
FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
ICS8440259I-45 RENESAS-ICS8440259I-45 Datasheet
1Mb / 21P
FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com