Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8545 Datasheet (PDF) - Renesas Technology Corp

8545 Datasheet PDF - Renesas Technology Corp
Part # 8545
Download  8545 Download
File Size   510.17 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-4 LVCMOS/ LVTTL-to-LVDS Fanout Buffer

8545 Datasheet (PDF)

Go To PDF Page Download Datasheet
8545 Datasheet PDF - Renesas Technology Corp

Part # 8545
Download  8545 Click to download

File Size   510.17 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-4 LVCMOS/ LVTTL-to-LVDS Fanout Buffer

8545 Datasheet (HTML) - Renesas Technology Corp


8545 Product details

Features
• Four differential LVDS output pairs
• Two LVCMOS/LVTTL clock inputs to support redundant
or selectable frequency fanout applications
• Maximum output frequency: 650MHz
• Translates LVCMOS/LVTTL input signals to LVDS levels
• Output skew: 40ps (maximum)
• Part-to-part skew: 500ps (maximum)
• Propagation delay: 3.6ns (maximum)
• Additive phase jitter, RMS: 0.13ps (typical)
• Full 3.3Vsupply mode
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 8545

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8545 FILTRAN-8545 Datasheet
100Kb / 1P
INDUCTORS Inductors Designed for Nationals 150 KHz SIMPLE SWITCHERTM
logo
Integrated Device Techn...
8545 IDT-8545 Datasheet
228Kb / 15P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
PHOENIX CONTACT
8545 PHOENIX-8545 Datasheet
324Kb / 22P
AXL E ETH DI8 DO8 M12 6M
logo
3M Electronics
8545 3M-8545 Datasheet
225Kb / 4P
3M??Polyurethane Protective Tape 8545 Matte Black (no adhesive)
logo
Integrated Device Techn...
8545-01 IDT-8545-01 Datasheet
220Kb / 13P
LVCMOS/LVTTL-to-LVDS Fanout Buffer
More results


Similar Description - 8545

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8545I-02 IDT-ICS8545I-02 Datasheet
675Kb / 13P
Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
ICS8545-02 IDT-ICS8545-02 Datasheet
704Kb / 13P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
ICS8545I IDT-ICS8545I Datasheet
715Kb / 15P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
8545-02 IDT-8545-02_12 Datasheet
240Kb / 13P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
8545 IDT-8545 Datasheet
228Kb / 15P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
Renesas Technology Corp
854105 RENESAS-854105 Datasheet
407Kb / 14P
Low Skew, 1-to-4, LVCMOS/LVTTL-to-LVDS Fanout Buffer
7/10/15
854105I RENESAS-854105I Datasheet
474Kb / 14P
Low Skew, 1-to-4, LVCMOS/ LVTTL-to-LVDS Fanout Buffer
February 23, 2016
8545-01 RENESAS-8545-01 Datasheet
413Kb / 14P
Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
Rev A 7/10/15
8545-02 RENESAS-8545-02 Datasheet
402Kb / 14P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
REV. A 5/7/15
8545I-02 RENESAS-8545I-02 Datasheet
390Kb / 14P
Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
REVISION A 5/7/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com