Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

89HPES32T8G2 Datasheet (PDF) - Renesas Technology Corp

89HPES32T8G2 Datasheet PDF - Renesas Technology Corp
Part # 89HPES32T8G2
Download  89HPES32T8G2 Download
File Size   493.16 Kbytes
Page   40 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch

89HPES32T8G2 Datasheet (PDF)

Go To PDF Page Download Datasheet
89HPES32T8G2 Datasheet PDF - Renesas Technology Corp

Part # 89HPES32T8G2
Download  89HPES32T8G2 Click to download

File Size   493.16 Kbytes
Page   40 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch

89HPES32T8G2 Datasheet (HTML) - Renesas Technology Corp


89HPES32T8G2 Product details

Features
 High Performance Non-Blocking Switch Architecture
– 32-lane 8-port PCIe switch
• Four x8 switch ports each of which can bifurcate to two x4
ports (total of eight x4 ports)
– Integrated SerDes supports 5.0 GT/s Gen2 and 2.5 GT/s Gen1 operation
– Delivers up to 32 GBps (256 Gbps) of switching capacity
– Supports 128 Bytes to 2 KB maximum payload size
– Low latency cut-through architecture
– Supports one virtual channel and eight traffic classes
 Standards and Compatibility
– PCI Express Base Specification 2.0 compliant
– Implements the following optional PCI Express features
• Advanced Error Reporting (AER) on all ports
• End-to-End CRC (ECRC)
• Access Control Services (ACS)
• Power Budgeting Enhanced Capability
• Device Serial Number Enhanced Capability
• Sub-System ID and Sub-System Vendor ID Capability
• Internal Error Reporting ECN
• Multicast ECN
• VGA and ISA enable
• L0s and L1 ASPM
• ARI ECN
 Port Configurability
– x4 and x8 ports
• Ability to merge adjacent x4 ports to create a x8 port
– Automatic per port link width negotiation (x8 → x4 → x2 → x1)
– Crosslink support
– Automatic lane reversal
– Autonomous and software managed link width and speed control
– Per lane SerDes configuration
• De-emphasis
• Receive equalization




Similar Part No. - 89HPES32T8G2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES32T8G2 IDT-89HPES32T8G2 Datasheet
301Kb / 39P
Low latency cut-through architecture
More results


Similar Description - 89HPES32T8G2

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PEX8632 PLX-PEX8632 Datasheet
203Kb / 4P
PCIe Gen2, 5.0GT/s 32-lane, 12-port Switch
logo
AVAGO TECHNOLOGIES LIMI...
PEX8632 AVAGO-PEX8632 Datasheet
227Kb / 4P
PCIe Gen2, 5.0GT/s 32-lane, 12-port Switch
logo
Renesas Technology Corp
89HPES32NT24AG2 RENESAS-89HPES32NT24AG2 Datasheet
553Kb / 39P
32-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 201
89HPES32NT24BG2 RENESAS-89HPES32NT24BG2 Datasheet
550Kb / 38P
32-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT8AG2 RENESAS-89HPES32NT8AG2 Datasheet
532Kb / 36P
32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES32NT8BG2 RENESAS-89HPES32NT8BG2 Datasheet
530Kb / 36P
32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES48T12G2 RENESAS-89HPES48T12G2 Datasheet
543Kb / 44P
48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
Revision 2.0
89HPES32H8G2 RENESAS-89HPES32H8G2 Datasheet
501Kb / 41P
32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES64H16AG2 RENESAS-89HPES64H16AG2 Datasheet
671Kb / 63P
64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES64H16G2 RENESAS-89HPES64H16G2 Datasheet
659Kb / 58P
64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com