Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

95V857 Datasheet (PDF) - Renesas Technology Corp

95V857 Datasheet PDF - Renesas Technology Corp
Part # 95V857
Download  95V857 Download
File Size   2953.87 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)

95V857 Datasheet (PDF)

Go To PDF Page Download Datasheet
95V857 Datasheet PDF - Renesas Technology Corp

Part # 95V857
Download  95V857 Click to download

File Size   2953.87 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)

95V857 Datasheet (HTML) - Renesas Technology Corp


95V857 Product details

Recommended Application:

« DDR Memory Modules Zero Delay Board Fan Out
+ Provides complete DDR registered DIMM solution
with SSTVF16857, SSTVF16859 or
SSTVa2852
Product Description/Features:

« Low skew, low ter PLL clock driver
* 11010 differential clock distribution (SSTL_2)

« Feedback pins for input to output synchronization

« PD#forpowermanagement

* Spread Spectrum-tolerantinputs

« AutoPD when input signal removed

Specifications:

« Meets PC3200 Class A+ specification for D1 400
support

* Covers all DDRI specd grades.




Similar Part No. - 95V857

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
95V857 IDT-95V857 Datasheet
394Kb / 13P
Spread Spectrum-tolerant inputs
logo
Integrated Circuit Syst...
95V857AGLFT ICST-95V857AGLFT Datasheet
134Kb / 13P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
95V857AHLFT ICST-95V857AHLFT Datasheet
134Kb / 13P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
95V857AKLFT ICST-95V857AKLFT Datasheet
134Kb / 13P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
95V857ALLFT ICST-95V857ALLFT Datasheet
134Kb / 13P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
More results


Similar Description - 95V857

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS95V857 ICST-ICS95V857 Datasheet
116Kb / 13P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
ICS93V857 ICST-ICS93V857 Datasheet
82Kb / 10P
2.5V Wide Range Frequency Clock Driver (33MHz - 233MHz)
ICS95V847 ICST-ICS95V847 Datasheet
85Kb / 9P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
ICS95V857C ICST-ICS95V857C Datasheet
136Kb / 13P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
ICS95V857 ICST-ICS95V857_09 Datasheet
134Kb / 13P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Integrated Device Techn...
ICS95V857 IDT-ICS95V857 Datasheet
134Kb / 13P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Renesas Technology Corp
ICS95V2F857A RENESAS-ICS95V2F857A Datasheet
361Kb / 14P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
ICS95V847 RENESAS-ICS95V847 Datasheet
271Kb / 10P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
ICS95V857C RENESAS-ICS95V857C Datasheet
141Kb / 13P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
12/16/05
ICS95VLP857 RENESAS-ICS95VLP857 Datasheet
293Kb / 14P
2.5V Low Power Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com