Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBE2152M Datasheet (PDF) - VBsemi Electronics Co.,Ltd

VBE2152M Datasheet PDF - VBsemi Electronics Co.,Ltd
Part # VBE2152M
Download  VBE2152M Download
File Size   650.54 Kbytes
Page   8 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description P-Channel 150 V (D-S) MOSFET

VBE2152M Datasheet (PDF)

Go To PDF Page Download Datasheet
VBE2152M Datasheet PDF - VBsemi Electronics Co.,Ltd

Part # VBE2152M
Download  VBE2152M Click to download

File Size   650.54 Kbytes
Page   8 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description P-Channel 150 V (D-S) MOSFET

VBE2152M Datasheet (HTML) - VBsemi Electronics Co.,Ltd


VBE2152M Product details

FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
• TrenchFET® Power MOSFET
• 100 % Rg and UIS Tested
• Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
• Power Switch
• DC/DC Converters




Similar Part No. - VBE2152M

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VBE2101M VBSEMI-VBE2101M Datasheet
640Kb / 8P
P-Channel 100 V (D-S) MOSFET
VBE2102M VBSEMI-VBE2102M Datasheet
678Kb / 9P
P-Channel 100 V (D-S) MOSFET
VBE2102M VBSEMI-VBE2102M Datasheet
686Kb / 9P
P-Channel 100 V (D-S) MOSFET
VBE2102M VBSEMI-VBE2102M_V01 Datasheet
686Kb / 9P
P-Channel 100 V (D-S) MOSFET
VBE2102N VBSEMI-VBE2102N Datasheet
619Kb / 7P
P-Channel 100-V (D-S) 175 °C MOSFET
More results


Similar Description - VBE2152M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2325DS VISHAY-SI2325DS Datasheet
89Kb / 6P
P-Channel 150-V (D-S) MOSFET
10-Jan-05
logo
Guangdong Kexin Industr...
KI2325DS KEXIN-KI2325DS Datasheet
52Kb / 2P
P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4409DY VISHAY-SI4409DY Datasheet
196Kb / 4P
P-Channel 150-V (D-S) MOSFET
16-Jul-07
SI4455DY VISHAY-SI4455DY Datasheet
140Kb / 4P
P-Channel 150-V (D-S) MOSFET
18-Aug-08
SI7117DN-T1-GE3 VISHAY-SI7117DN-T1-GE3 Datasheet
561Kb / 13P
P-Channel 150 V (D-S) MOSFET
11-Apr-11
SI3437DV VISHAY-SI3437DV_15 Datasheet
199Kb / 12P
P-Channel 150-V (D-S) MOSFET
04-May-09
logo
Analog Power
AM10P15-550D ANALOGPOWER-AM10P15-550D Datasheet
322Kb / 5P
P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4455DY VISHAY-SI4455DY_V01 Datasheet
191Kb / 9P
P-Channel 150-V (D-S) MOSFET
24-Jun-13
SI7115DN VISHAY-SI7115DN_V01 Datasheet
547Kb / 13P
P-Channel 150 V (D-S) MOSFET
26-Sep-11
SI7439DP VISHAY-SI7439DP_V01 Datasheet
375Kb / 12P
P-Channel 150 V (D-S) MOSFET
26-Mar-18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com