Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1PS301 Datasheet (PDF) - Nexperia B.V. All rights reserved

1PS301 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 1PS301
Download  1PS301 Download
File Size   810.38 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual high-speed switching diode

1PS301 Datasheet (PDF)

Go To PDF Page Download Datasheet
1PS301 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 1PS301
Download  1PS301 Click to download

File Size   810.38 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual high-speed switching diode

1PS301 Datasheet (HTML) - Nexperia B.V. All rights reserved


1PS301 Product details

Features and benefits
 High switching speed: trr  4 ns
 Repetitive peak reverse voltage:
VRRM  85 V
 Reverse voltage: VR  80 V
 AEC-Q101 qualified
 Low capacitance: Cd  1.5 pF
 Repetitive peak forward current:
IFRM  500 mA
 Very small SMD plastic package




Similar Part No. - 1PS301

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS301 PHILIPS-1PS301 Datasheet
52Kb / 8P
High-speed double diode
1999 May 06
1PS301 PHILIPS-1PS301 Datasheet
67Kb / 8P
High-speed double diode
1999 May 06
1PS301 NXP-1PS301 Datasheet
114Kb / 8P
High-speed double diode
1996 Oct 04
1PS301 PHILIPS-1PS301_15 Datasheet
236Kb / 11P
Dual high-speed switching diode
Rev. 5-6 March 2012
More results


Similar Description - 1PS301

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BAS28 CENTRAL-BAS28 Datasheet
49Kb / 2P
DUAL, ISOLATED HIGH SPEED SWITCHING DIODE
logo
NXP Semiconductors
1PS300 PHILIPS-1PS300_15 Datasheet
167Kb / 11P
Dual high-speed switching diode
Rev. 5-5 March 2012
1PS301 PHILIPS-1PS301_15 Datasheet
236Kb / 11P
Dual high-speed switching diode
Rev. 5-6 March 2012
1PS302 PHILIPS-1PS302_15 Datasheet
212Kb / 11P
Dual high-speed switching diode
Rev. 6-23 July 2012
logo
Nexperia B.V. All right...
BAV70QA NEXPERIA-BAV70QA Datasheet
692Kb / 12P
Dual common cathode high-speed switching diode
BAW56QA NEXPERIA-BAW56QA Datasheet
701Kb / 13P
Dual common anode high-speed switching diode
BAS16DY-Q NEXPERIA-BAS16DY-Q Datasheet
204Kb / 9P
High-speed dual switching diode
20 April 2023
BAS16DY NEXPERIA-BAS16DY Datasheet
212Kb / 9P
High-speed dual switching diode
20 April 2023
1PS300 NEXPERIA-1PS300 Datasheet
749Kb / 11P
Dual high-speed switching diode
Rev. 5 - 5 March 2012
1PS302 NEXPERIA-1PS302 Datasheet
787Kb / 11P
Dual high-speed switching diode
Rev. 6 - 23 July 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com