Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS97ULP877A Datasheet (PDF) - Renesas Technology Corp

ICS97ULP877A Datasheet PDF - Renesas Technology Corp
Part # ICS97ULP877A
Download  ICS97ULP877A Download
File Size   383.21 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1.8V Low-Power Wide-Range Frequency Clock Driver

ICS97ULP877A Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS97ULP877A Datasheet PDF - Renesas Technology Corp

Part # ICS97ULP877A
Download  ICS97ULP877A Click to download

File Size   383.21 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1.8V Low-Power Wide-Range Frequency Clock Driver

ICS97ULP877A Datasheet (HTML) - Renesas Technology Corp


ICS97ULP877A Product details

Recommended Application:
• DDR2 Memory Modules / Zero Delay Board Fan Out
• Provides complete DDR DIMM logic solution with
ICSSSTU32864/SSTUF32864/SSTUF32866/
SSTUA32864/SSTUA32866/SSTUA32S868/
SSTUA32S865/SSTUA32S869
Product Description/Features:
• Low skew, low jitter PLL clock driver
• 1 to 10 differential clock distribution (SSTL_18)
• Feedback pins for input to output synchronization
• Spread Spectrum tolerant inputs
• Auto PD when input signal is at a certain logic state
Switching Characteristics:
• Period jitter: 40ps (DDR2-400/533)
30ps (DDR2-667)
• Half-period jitter: 60ps (DDR2-400/533)
50ps (DDR2-667)
• OUTPUT - OUTPUT skew: 40ps (DDR2-400/533)
30ps (DDR2-667)
• CYCLE - CYCLE jitter 40ps




Similar Part No. - ICS97ULP877A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS97ULP877A ICST-ICS97ULP877A Datasheet
176Kb / 14P
1.8V Low-Power Wide-Range Frequency Clock Driver
ICS97ULP877AHLF-T ICST-ICS97ULP877AHLF-T Datasheet
176Kb / 14P
1.8V Low-Power Wide-Range Frequency Clock Driver
ICS97ULP877AKLF-T ICST-ICS97ULP877AKLF-T Datasheet
176Kb / 14P
1.8V Low-Power Wide-Range Frequency Clock Driver
More results


Similar Description - ICS97ULP877A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS97ULP844A ICST-ICS97ULP844A Datasheet
133Kb / 12P
1.8V Low-Power Wide-Range Frequency Clock Driver
logo
Integrated Device Techn...
ICS98ULPA877A IDT-ICS98ULPA877A Datasheet
162Kb / 14P
1.8V Low-Power Wide-Range Frequency Clock Driver
logo
Integrated Circuit Syst...
ICS97U2A877A ICST-ICS97U2A877A Datasheet
175Kb / 14P
1.8V Low-Power Wide-Range Frequency Clock Driver
ICS97U2A845A ICST-ICS97U2A845A Datasheet
215Kb / 13P
1.8V Low-Power Wide-Range Frequency Clock Driver
ICS97ULP845A ICST-ICS97ULP845A Datasheet
162Kb / 12P
1.8V Low-Power Wide-Range Frequency Clock Driver
logo
Renesas Technology Corp
ICS97U2A845A RENESAS-ICS97U2A845A Datasheet
421Kb / 14P
1.8V Low-Power Wide-Range Frequency Clock Driver
2019
ICS97U2A877A RENESAS-ICS97U2A877A Datasheet
390Kb / 15P
1.8V Low-Power Wide-Range Frequency Clock Driver
2019
ICS97ULP844A RENESAS-ICS97ULP844A Datasheet
411Kb / 13P
1.8V Low-Power Wide-Range Frequency Clock Driver
2019
ICS97ULPA877A RENESAS-ICS97ULPA877A Datasheet
407Kb / 16P
1.8V Low-Power Wide-Range Frequency Clock Driver
2019
ICS98ULPA877A RENESAS-ICS98ULPA877A Datasheet
367Kb / 15P
1.8V Low-Power Wide-Range Frequency Clock Driver
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com