Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFQ68 Datasheet (PDF) - NXP Semiconductors

BFQ68 Datasheet PDF - NXP Semiconductors
Part # BFQ68
Download  BFQ68 Download
File Size   74.82 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 4 GHz wideband transistor

BFQ68 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFQ68 Datasheet PDF - NXP Semiconductors

Part # BFQ68
Download  BFQ68 Click to download

File Size   74.82 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 4 GHz wideband transistor

BFQ68 Datasheet (HTML) - NXP Semiconductors


BFQ68 Product details

DESCRIPTION
NPN transistor mounted in a four-lead dual-emitter SOT122A envelope with a ceramic cap. All leads are isolated from the stud. Diffused emitter-ballasting resistors and the application of gold sandwich metallization ensure an optimum temperature profile and excellent reliability properties. It features very high output voltage capabilities.




Similar Part No. - BFQ68

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFQ60 SIEMENS-BFQ60 Datasheet
121Kb / 5P
LOW NOISE NPN SILICON MICROVAVE TRANSISTOR UP TO 2 GHz
logo
NXP Semiconductors
BFQ621 PHILIPS-BFQ621 Datasheet
108Kb / 10P
NPN 7 GHz wideband transistor
1995 Sep 26
logo
New Jersey Semi-Conduct...
BFQ63 NJSEMI-BFQ63 Datasheet
68Kb / 1P
TO-72
logo
NXP Semiconductors
BFQ67 PHILIPS-BFQ67 Datasheet
103Kb / 12P
NPN 8 GHz wideband transistor
1998 Aug 27
logo
Vishay Siliconix
BFQ67 VISHAY-BFQ67 Datasheet
185Kb / 12P
Silicon NPN Planar RF Transistor
20-Jan-99
More results


Similar Description - BFQ68

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG35 PHILIPS-BFG35 Datasheet
91Kb / 16P
NPN 4 GHz wideband transistor
1999 Aug 24
BFQ136 PHILIPS-BFQ136 Datasheet
73Kb / 9P
NPN 4 GHz wideband transistor
September 1995
BFQ18A PHILIPS-BFQ18A Datasheet
37Kb / 6P
NPN 4 GHz wideband transistor
September 1995
BFQ18A NXP-BFQ18A Datasheet
227Kb / 7P
NPN 4 GHz wideband transistor
Rev. 03-28 September 2007
logo
Quanzhou Jinmei Electro...
BFG35_2015 JMNIC-BFG35_2015 Datasheet
103Kb / 16P
NPN 4 GHz wideband transistor
BFQ18A_2015 JMNIC-BFQ18A_2015 Datasheet
42Kb / 6P
NPN 4 GHz wideband transistor
logo
NXP Semiconductors
BFG35 PHILIPS-BFG35_15 Datasheet
305Kb / 14P
NPN 4 GHz wideband transistor
1999 Aug 24
logo
Quanzhou Jinmei Electro...
BFG35 JMNIC-BFG35_15 Datasheet
103Kb / 16P
NPN 4 GHz wideband transistor
BFQ18A JMNIC-BFQ18A_15 Datasheet
42Kb / 6P
NPN 4 GHz wideband transistor
logo
List of Unclassifed Man...
BFQ34T ETC-BFQ34T Datasheet
521Kb / 9P
NPN 4 GHz wideband transistor
NOVEMBER 1992
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com