Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMTH31M7LPSQ Datasheet (PDF) - Diodes Incorporated

DMTH31M7LPSQ Datasheet PDF - Diodes Incorporated
Part # DMTH31M7LPSQ
Download  DMTH31M7LPSQ Download
File Size   374.21 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 175°C N-CHANNEL ENHANCEMENT MODE MOSFET

DMTH31M7LPSQ Datasheet (PDF)

Go To PDF Page Download Datasheet
DMTH31M7LPSQ Datasheet PDF - Diodes Incorporated

Part # DMTH31M7LPSQ
Download  DMTH31M7LPSQ Click to download

File Size   374.21 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 175°C N-CHANNEL ENHANCEMENT MODE MOSFET

DMTH31M7LPSQ Datasheet (HTML) - Diodes Incorporated


DMTH31M7LPSQ Product details

Description and Applications
This MOSFET is designed to meet the stringent requirements of automotive applications. It is AEC-Q101 qualified, supported by a PPAP, and is ideal for use in:
• Backlighting
• Power Management Functions
• DC-DC Converters

Features and Benefits
• Rated to +175°C—Ideal for High Ambient Temperature
Environments
• Low RDS(ON) – Minimizes On-State Losses
• Excellent Qgd x RDS(ON) Product (FOM)
• Advanced Technology for DC-DC Converters
• Small Form Factor Thermally Efficient Package Enables Higher Density End Products
• 100% Unclamped Inductive Switching – Ensures More Reliability
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen- and Antimony-Free. “Green” Device (Note 3)
• The DMTH31M7LPSQ is suitable for automotive applications
requiring specific change control; is AEC-Q101 qualified, PPAP capable, and manufactured in IATF16949:2016 certified facilities.




Similar Part No. - DMTH31M7LPSQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH3002LPS DIODES-DMTH3002LPS Datasheet
642Kb / 7P
30V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMTH3002LPS DIODES-DMTH3002LPS Datasheet
458Kb / 7P
30V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMTH3002LPS-13 DIODES-DMTH3002LPS-13 Datasheet
458Kb / 7P
30V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMTH3002LPS DIODES-DMTH3002LPS_17 Datasheet
458Kb / 7P
30V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMTH3004LK3 DIODES-DMTH3004LK3 Datasheet
611Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results


Similar Description - DMTH31M7LPSQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH6016LFDFWQ DIODES-DMTH6016LFDFWQ Datasheet
435Kb / 8P
60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
January 2021
DMTH45M5LPSW DIODES-DMTH45M5LPSW Datasheet
592Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 3 - 2 August 2022
DMTH45M5LPSWQ DIODES-DMTH45M5LPSWQ Datasheet
592Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 3 - 2 August 2022
DMTH45M5SPSW DIODES-DMTH45M5SPSW Datasheet
587Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 2 - 2 August 2022
DMNH45M7SCT DIODES-DMNH45M7SCT Datasheet
475Kb / 6P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
August 2018 Rev. 4 - 2
DMTH43M8LFGQ DIODES-DMTH43M8LFGQ Datasheet
513Kb / 7P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
April 2023 Rev. 7 - 2
DMTH10H015SPSQ DIODES-DMTH10H015SPSQ Datasheet
919Kb / 9P
100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
January 2023 Rev. 3 - 2
DMTH10H032LPSWQ DIODES-DMTH10H032LPSWQ Datasheet
908Kb / 8P
100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
January 2023 Rev. 3 - 2
DMTH8008LFGQ DIODES-DMTH8008LFGQ Datasheet
467Kb / 7P
80V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
April 2020 Rev. 3 - 2
DMTH8008SFGQ DIODES-DMTH8008SFGQ Datasheet
467Kb / 7P
80V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
June 2020 Rev. 2 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com