Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32002AMMJ Datasheet (PDF) - MTRONPTI

M32002AMMJ Datasheet PDF - MTRONPTI
Part # M32002AMMJ
Download  M32002AMMJ Download
File Size   334.68 Kbytes
Page   2 Pages
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI
Description 9x14 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, VCXO

M32002AMMJ Datasheet (PDF)

Go To PDF Page Download Datasheet
M32002AMMJ Datasheet PDF - MTRONPTI

Part # M32002AMMJ
Download  M32002AMMJ Click to download

File Size   334.68 Kbytes
Page   2 Pages
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI
Description 9x14 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, VCXO

M32002AMMJ Datasheet (HTML) - MTRONPTI


M32002AMMJ Product details

Product Description

The M320x series of VCXO’s is designed with a hermetically sealed high precision AT cut quartz crystal, combined with our QiK ChipTM technology. This combination provides an industry setting 0.35 ps RMS jitter performance and excellent Phase Noise for your demanding circuit. The M310x is available in LVPECL, LVDS, or CML output and can be built to a variety of power requirements, 3.3, 2.5, and 1.8V. Tight thermal stability performance, broad frequency range, an industry standard 9x14mm package, and the ability to build and provide product in approximately 2 weeks, gives the designer a quick, solid foundation to build a solution with.



Product Features

• Featuring QiK ChipTM Technology

• Superior Jitter Performance (comparable to SAW based)

• APR of ±50 or ±100ppm over industrial temperature range

• Frequencies from 150 MHz to 1.4 GHz

• Designed for a short 2 week cycle time



Product Applications

• Telecommunications such as SONET / SDH / DWDM / FEC / SERDES / OC-3 thru OC-192

• Wireless base stations / WLAN / Gigabit Ethernet

• xDSL, Network Communications

• Avionic Flight Controls

• Military Communications

• Clock and Data Recovery

• Low Jitter Clock Generation



 




Similar Part No. - M32002AMMJ

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M32002AMMJ MTRONPTI-M32002AMMJ Datasheet
354Kb / 3P
9x14 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, VCXO
More results


Similar Description - M32002AMMJ

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MPV3J MTRONPTI-MPV3J Datasheet
265Kb / 1P
9x14 mm, 3.3 Volt, PECL/LVDS, VCXO
MPV5J MTRONPTI-MPV5J Datasheet
251Kb / 1P
9x14 mm, 5.0 Volt, PECL/LVDS VCXO
M220X MTRONPTI-M220X Datasheet
340Kb / 2P
9x14 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, Clock Oscillator
M310X MTRONPTI-M310X Datasheet
338Kb / 2P
5x7 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, VCXO
M220X MTRONPTI-M220X_07 Datasheet
362Kb / 3P
9x14 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, Clock Oscillator
M310X_0611 MTRONPTI-M310X_0611 Datasheet
357Kb / 3P
5x7 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, VCXO
M320X_0611 MTRONPTI-M320X_0611 Datasheet
354Kb / 3P
9x14 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, VCXO
M220X MTRONPTI-M220X_08 Datasheet
682Kb / 7P
9x14 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
M310X MTRONPTI-M310X_08 Datasheet
755Kb / 7P
5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, VCXO
M320X MTRONPTI-M320X_08 Datasheet
698Kb / 7P
9x14 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, VCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com