Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35620 Datasheet (PDF) - Belden Inc.

35620 Datasheet PDF - Belden Inc.
Part # 35620
Download  35620 Download
File Size   154.18 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Lead Wire, #20 Str TC, XLPO Ins, AWM 3173

35620 Datasheet (PDF)

Go To PDF Page Download Datasheet
35620 Datasheet PDF - Belden Inc.

Part # 35620
Download  35620 Click to download

File Size   154.18 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Lead Wire, #20 Str TC, XLPO Ins, AWM 3173

35620 Datasheet (HTML) - Belden Inc.


35620 Product details

Product Description
Rubber Lead Wire, 20AWG (10x30) Tinned Copper, XLPO Insulation, AWM 3173 CSA TYPE CL1251 600V 125C




Similar Part No. - 35620

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3562 POMONA-3562 Datasheet
127Kb / 2P
Banana Jack To #12, 16, 20 & 22 Socket
logo
Adafruit Industries
3562 ADAFRUIT-3562 Datasheet
112Kb / 2P
DIY HDMI Cable Parts - 30 cm HDMI Ribbon Cable
9-6-17
logo
Multicomp Pro
3562 MULTICOMP-3562 Datasheet
239Kb / 2P
Food-Grade Heat-Shrink Tubing Clear
16/05/20 V1.0
logo
Pomona Electronics
3562-0 POMONA-3562-0 Datasheet
127Kb / 2P
Banana Jack To #12, 16, 20 & 22 Socket
3562-2 POMONA-3562-2 Datasheet
127Kb / 2P
Banana Jack To #12, 16, 20 & 22 Socket
More results


Similar Description - 35620

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
35606 BELDEN-35606 Datasheet
149Kb / 2P
Lead Wire, #6 Str TC, XLPO Ins, AWM 3196
05-05-2023
35608 BELDEN-35608 Datasheet
149Kb / 2P
Lead Wire, #8 Str TC, XLPO Ins, AWM 3195
05-05-2023
35610 BELDEN-35610 Datasheet
154Kb / 2P
Lead Wire, #10 Str TC, XLPO Ins, AWM 3173
05-05-2023
35612 BELDEN-35612 Datasheet
153Kb / 2P
Lead Wire, #12 Str TC, XLPO Ins, AWM 3173
05-05-2023
35614 BELDEN-35614 Datasheet
154Kb / 2P
Lead Wire, #14 Str TC, XLPO Ins, AWM 3173
05-05-2023
35616 BELDEN-35616 Datasheet
152Kb / 2P
Lead Wire, #16 Str TC, XLPO Ins, AWM 3173
01-20-2023
35618 BELDEN-35618 Datasheet
153Kb / 2P
Lead Wire, #18 Str TC, XLPO Ins, AWM 3173
03-04-2023
35622 BELDEN-35622 Datasheet
150Kb / 2P
Lead Wire, #22 Str TC, XLPO Ins, AWM 3173
03-04-2023
35716 BELDEN-35716 Datasheet
151Kb / 2P
Lead Wire, #16 Str TC, XLPO Ins, AWM 3199
05-05-2023
35718 BELDEN-35718 Datasheet
154Kb / 2P
Lead Wire, #18 Str TC, XLPO Ins, AWM 3199
05-05-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com