Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36140 Datasheet (PDF) - Belden Inc.

36140 Datasheet PDF - Belden Inc.
Part # 36140
Download  36140 Download
File Size   148.34 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Lead Wire, #4/0 Str TC, CSPE Ins, 5000V

36140 Datasheet (PDF)

Go To PDF Page Download Datasheet
36140 Datasheet PDF - Belden Inc.

Part # 36140
Download  36140 Click to download

File Size   148.34 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Lead Wire, #4/0 Str TC, CSPE Ins, 5000V

36140 Datasheet (HTML) - Belden Inc.


36140 Product details

Product Description
Low Temp Rubber Lead Wire, 4/0AWG (805x26) Tinned Copper, CSPE Insulation, 5000V




Similar Part No. - 36140

ManufacturerPart #DatasheetDescription
logo
C&K Components
361400000 CK-COMPONENTS-361400000 Datasheet
387Kb / 8P
Thumbwheel Switches
logo
Lumberg
361402 LUMBERG-361402 Datasheet
569Kb / 4P
RAST 5 connectors, pitch 5.0 mm
361403 LUMBERG-361403 Datasheet
569Kb / 4P
RAST 5 connectors, pitch 5.0 mm
361404 LUMBERG-361404 Datasheet
569Kb / 4P
RAST 5 connectors, pitch 5.0 mm
361405 LUMBERG-361405 Datasheet
569Kb / 4P
RAST 5 connectors, pitch 5.0 mm
More results


Similar Description - 36140

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
34430 BELDEN-34430 Datasheet
141Kb / 2P
Lead Wire, #3/0 Str TC, CSPE Ins, AWM 3193
01-20-2023
34440 BELDEN-34440 Datasheet
141Kb / 2P
Lead Wire, #4/0 Str TC, CSPE Ins, AWM 3193
01-20-2023
34400 BELDEN-34400 Datasheet
141Kb / 2P
Lead Wire, #2/0 Str TC, CSPE Ins, AWM 3193
01-20-2023
36100 BELDEN-36100 Datasheet
148Kb / 2P
Lead Wire, #2/0 Str TC, CSPE Ins, 5000V
05-05-2023
36101 BELDEN-36101 Datasheet
148Kb / 2P
Lead Wire, #1 Str TC, CSPE Ins, 5000V
05-05-2023
36102 BELDEN-36102 Datasheet
145Kb / 2P
Lead Wire, #2 Str TC, CSPE Ins, 5000V
01-20-2023
36104 BELDEN-36104 Datasheet
148Kb / 2P
Lead Wire, #4 Str TC, CSPE Ins, 5000V
05-05-2023
36106 BELDEN-36106 Datasheet
148Kb / 2P
Lead Wire, #6 Str TC, CSPE Ins, 5000V
05-05-2023
36108 BELDEN-36108 Datasheet
148Kb / 2P
Lead Wire, #8 Str TC, CSPE Ins, 5000V
05-05-2023
36190 BELDEN-36190 Datasheet
148Kb / 2P
Lead Wire, #1/0 Str TC, CSPE Ins, 5000V
05-05-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com